Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1803 Datasheet HTML 8Page - Analog Devices AD1803 Datasheet HTML 9Page - Analog Devices AD1803 Datasheet HTML 10Page - Analog Devices AD1803 Datasheet HTML 11Page - Analog Devices AD1803 Datasheet HTML 12Page - Analog Devices AD1803 Datasheet HTML 13Page - Analog Devices AD1803 Datasheet HTML 14Page - Analog Devices AD1803 Datasheet HTML 15Page - Analog Devices AD1803 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD1803
SERIAL INTERFACE BEHAVIOR AND PROTOCOL
WHEN IN DSP MODE
In DSP mode, the AD1803 requires a clock on XTALI to func­
tion properly. This clock can be created by placing a crystal
between Pin XTALI and Pin XTALO with appropriate trim
capacitors. Alternatively, a clock can be driven directly onto
the XTALI pin from an external source, in which case XTALO
must be floated. When the AD1803 serial interface is configured in
DSP mode, the clock presented on the XTALI pin is assumed to
be 24.576 MHz. However, a 12.288 MHz or 32.768 MHz clock
could be used instead, providing
• A register write informs the AD1803 of the true clock
frequency before the codec is enabled.
• It is acceptable to have the serial port bit clock and frame
sync run at rates different from the start-up nominal until
the AD1803 is informed of the true XTALI clock frequency.
Within 1 ms after RESET is deasserted and the AD1803 receives
a clock on XTALI, the AD1803 begins driving a 4.096 MHz bit
clock onto the BIT_CLK pin (assuming a 24.576 MHz XTALI
clock). Approximately 100 μs later, the AD1803 begins driving
an 8 kHz frame sync onto the SYNC pin (again assuming a
24.576 MHz XTALI clock). If the AD1803 receives an XTALI
clock that is higher/lower than the expected 24.576 MHz default,
these frequencies are scaled up/down (lineally) until the AD1803
is informed of the actual XTALI clock frequency by a write to
the XTAL1 and XTAL0 bits in Register 0x5C. See the XTAL1
and XTAL0 bits for further details including allowed alternate
XTALI frequencies.
Each serial interface frame consists of a single 16-bit word sent
into the AD1803 on the SDATA_OUT pin, and a single 16-bit
word sent out of the AD1803 on the SDATA_IN pin. These words
are simultaneously transferred during the first 16 clocks of the
BIT_CLK pin after the start of a frame. The start of a frame is
marked by one BIT_CLK long high pulse of the SYNC pin one
BIT_CLK period before the first bit in the frame. Data is trans­
mitted MSB first. Logic levels on all pins (SYNC, SDATA_IN,
and SDATA_OUT) are updated on BIT_CLK rising edges, and
should be sampled on BIT_CLK falling edges.
By default, all frames are designated as data frames for delivery
of two’s complement DAC and ADC samples to and from the
AD1803 codec. To deliver control information into the part,
the LSB of the word into the AD1803 is stolen, from what
might otherwise have been DAC data, to serve as a control
frame request bit.
While the AD1803 provides 16-bit ADC sample output, only
15-bit DAC sample input is possible because of this. If the LSB
of the word into the AD1803 is set to 0, no control frame is
requested and the next frame is another data frame. If the
LSB of the word into the AD1803 is set to 1, a control frame
is requested and the next frame is a control frame.
When a control frame is requested, an extra frame is inserted
between data frames avoiding an interruption of codec sample
data flow. The 16-bit control word into the AD1803 consists of
(from MSB to LSB):
•
A register read/write request bit (0 to request a write, 1 to
request a read).
•
The 6 MSBs of a 7-bit register address (where the LSB is
removed to save space since it is always a 0).
•
A byte select bit (0 to select the lower byte of the 16-bit
control register addressed, 1 to select the upper byte of
the 16-bit control register addressed).
•
Eight bits of data that are written into the addressed register
if a write is requested. Otherwise, these last eight bits are
ignored.
While it seems peculiar to have a 7-bit register address with
the LSB dropped when sent to the AD1803, it should be noted
that AD1803 register addresses are defined by the AC '97 specifica­
tion, whether configured in an AC '97 mode or in DSP mode.
While the AC ’97 Rev 2.1 specification reserves odd addresses
for future feature expansion, there was no room in the DSP mode
control word for this unused bit. The 16-bit control word out
of the AD1803 consists of, from MSB to LSB, eight unused bits
that are always set to 0, followed by eight bits of data that reflect
the contents of the register addressed within the current frame, if
a read was requested. Otherwise, they are all set to 0.
When serial interface frames first commence after RESET is
deasserted, there are 512 bits per frame (8 kHz frame rate/
4.096 MHz bit clock rate) where only the first 16 bits per frame
are typically utilized. Bits out of the AD1803 after the first 16
are typically set to 0, and bits into the AD1803 after the first 16
are typically ignored. However, when a control frame is requested
via the control frame request bit in a data frame, the control
frame is inserted between data frames and placed 256 bits after
the start of the data frame that requested the control frame. This
control frame is marked by an additional 1-bit long clock pulse,
high of the SYNC pin. Note that the spacing between data frames
is never affected by the insertion of a control frame.
Rev. A | Page 12 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com