Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1803 Datasheet HTML 18Page - Analog Devices AD1803 Datasheet HTML 19Page - Analog Devices AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices AD1803 Datasheet HTML 23Page - Analog Devices AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD1803
Rev. A | Page 22 of 32
CONFIGURATION 1 REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x5C
Res1
BNK1
BNK0
R34PM
XTAL1
XTAL0
ACSEL
ADCAL
CLKED
CLKEA
Res1
Res1
Res1
Res1
Res1
Res1
0x18C0
1 Res = reserved bit. To ensure future compatibility, reserved bits should be set to 0 when written and ignored when read.
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
BNK1, BNK0
Register Bank Select. Since the AC '97 specification lacks sufficient vendor specified register space to control all extended
features of the AD1803, some control registers must be accessed indirectly using register banks selected by these bits.
00 = Reserved.
01 = Bank 1: AD1803 I/O control registers.
10 = Bank 2: AD1803 codec control registers.
11 = Reserved.
R34PM
RESET Power Mode Select. When this bit is set to 0, the AD1803 is completely powered down whenever the RESET pin is
asserted (driven low). This bit overrides the settings of all other power control bits. When this bit is set to 1, various features of
the AD1803 remains powered up during RESET as individually enabled by their related control bits (see other bits in this
register)
0 = During RESET, power down the AD1803.
1 = During RESET, allow enabled features to remain powered up (default).
XTAL1, XTAL0
Clock Identification. With the exception of the serial interface, which is always clocked by the BIT_CLK pin, these bits identify the
clock source and frequency to be used by all other resources within the AD1803. The default setting of these bits is dependent
on the chosen AD1803 serial interface configuration (see Register 0x3C). There are three reasons why it might be desirable to
alter from the default setting:
If the BIT_CLK is the default clock source, but the BIT_CLK has excessive edge noise that interferes with codec performance, than
a crystal or other clean clock source could be taken from the XTALI pin instead.
If the BIT_CLK is the default clock source, but the BIT_CLK is stopped during a period of time when AD1803 functionality is still
necessary, such as ring validation and wake-up signaling during D3-Cold, then the clock source could be switched to the XTALI
pin while the BIT_CLK is suspended.
If the XTALI is the default clock source and the default crystal frequency is not the one actually used, the correct crystal
frequency must be identified prior to the ADC, DAC, or barrier interface being enabled (see Register 0x3E). Also note that if
the AD1803 is the master of BIT_CLK (serial interface in AC '97 primary mode or DSP mode), BIT_CLK cannot be at its proper
frequency until the AD1803 is informed what clock frequency it is receiving. Until then, the BIT_CLK frequency is off by the
ration of the actual to the default assumed frequency. As a final caution, if the clock frequency is chosen to be 32.768 MHz
(setting 01 of these bits), and the AD1803 is chosen to be an AC '97 primary device, the AD1803 is incapable of producing the
AC '97 specified 12.288 MHz BIT_CLK because there is no integer divisor between these frequencies. In this situation, the
AD1803 violates the AC '97 specification and outputs a 16.384 MHz BIT_CLK.
00 = 12.288 MHz from BIT_CLK (default if in an AC '97 secondary mode).
01 = 32.768 MHz from XTALI.
10 = 24.576 MHz from XTALI (default if in either AC '97 primary mode or DSP mode).
11 = 12.288 MHz from XTALI.
ACSEL
Analog Codec Select. This bit selects the analog codec that is used in conjunction with the digital codec of the AD1803.
0 = AD1803 analog codec selected (default).
1 = Reserved.
ADCAL
ADC Calibration/Recalibration. Writing a 1 to this bit initiates a dc offset calibration of the codec’s ADC channel, which requires
approximately 104 sample periods (defined by Register 0x40). ADC calibration is automatic each time the analog ADC of the
AD1803 is enabled. When this bit is read, a 1 is returned if calibration is in progress and a 0 is returned when calibration is
completed or not in progress. During calibration, the ADC returns midscale (zero) samples. During calibration, codec sample
rate, ADC source, and ADC gain must not be changed.
CLKED
CLK_OUT Enable While RESET Is Deasserted (Driven High). This bit controls the operation of the CLK_OUT pin while the RESET
pin is deasserted. See Bit CLKEA for CLK_OUT operation while RESET is asserted. Each time RESET is deasserted (driven from low
to high), this bit is automatically set to 1 to ensure that a clock is always available to hardware outside the AD1803 after a RESET.
If this clock is not needed, this bit should be set to 0 by software after each RESET for optimal power savings.
0 = When RESET is deasserted, CLK_OUT is driven low.
1 = When RESET is deasserted, CLK_OUT reflects clock on XTALI (default after deassertion of RESET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com