Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 28 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices AD1803 Datasheet HTML 27Page - Analog Devices AD1803 Datasheet HTML 28Page - Analog Devices AD1803 Datasheet HTML 29Page - Analog Devices AD1803 Datasheet HTML 30Page - Analog Devices AD1803 Datasheet HTML 31Page - Analog Devices AD1803 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD1803
Rev. A | Page 28 of 32
G[4]/MOUT
Tx
+–
G1/MIC
G[0]
G[5]
Rx
AD1803 AUDIO CODE
DVDD
AVDD
RESET
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
CLK_OUT
XTALO
XTALI
24.576MHz
3.3VAUX
G[6]
G[7]
G[2]
G[3]WAKE
OH
RING
1
2
3
4
RJ11
MONO PHONE
RESET
BIT_CLK
SYNC
SDO
SDI[0]
PRIMARY CODEC ID = 00
AMR/
CNR/
ACR
CONNECTOR
3.3V
HYBRID
DC HOLD
RING DETECT
T1
RELAY
Figure 16. Modem Riser with Discrete DAA
AD1803 CODEC
DVDD
AVDD
RESET
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
G[2]
G[3]/WAKE
DSP MODE
CLK_OUT
XTALO
XTALI
ADSP-218x
CLKIN
FL1
SCLK
TFS
RFS
DT
DR
RESET
BITCLK
SYNC
SDATA_OUT
SDATA_IN
WAKE
3.3V
IRQE/FP4
24.576MHz
Figure 17. Interfacing AD1803 to ADSP-218x DSP
RESET
BIT_CLK
SYNC
SDO
SDI0
SDI1
RESET
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
CHAIN_IN
PRIMARY CODEC ID = 00
RESET
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
G[3]/WAKE
SECONDARY CODEC ID = 10
SDI PIN CONFIGURED FOR
CHAINING
G[2]
RESET
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
G[3]/WAKE
SECONDARY CODEC ID = 01
G[2]
AD1881A AUDIO CODEC
AD1803 HANDSET CODEC
AD1803 MODEM CODEC
AC '97
DIGITAL
CONTROLLER
Figure 18. Codec Chaining Allows Several Analog Devices AC ‘97 Codecs to be Connected to One AC Link Controller Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com