Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1803 Datasheet HTML 5Page - Analog Devices AD1803 Datasheet HTML 6Page - Analog Devices AD1803 Datasheet HTML 7Page - Analog Devices AD1803 Datasheet HTML 8Page - Analog Devices AD1803 Datasheet HTML 9Page - Analog Devices AD1803 Datasheet HTML 10Page - Analog Devices AD1803 Datasheet HTML 11Page - Analog Devices AD1803 Datasheet HTML 12Page - Analog Devices AD1803 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD1803
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CLK_OUT 1
2
3
4
5
6
7
8
9
10
21
22
23
24
20
19
18
17
16
15
14
13
12
11
AD1803
TOP VIEW
(Not to Scale)
G[5]
DGND
G[6]
DVDD
G[7]
XTALO
AVDD
XTALI
Tx
BIT_CLK
AGND
SDATA_IN
VREF
SDATA_OUT
FILT
SYNC
Rx
RESET
G[1]/MIC
G[4]/MOUT
G[0]
G[3]/WAKE
G[2]
Figure 9. Pin Configuration
Table 6. Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
ANALOG SIGNALS
DVDD
DGND
AVDD
AGND
Rx
Tx
FILT
VREF
3
2
21
19
16
20
17
18
I
I
I
I
I
O
I
I
Digital Supply. Range: 5.0 V ± 10% or 3.3 V ± 10% (independent of AVDD).
Digital Ground. Must be at same potential as AGND.
Analog Supply. Range is 5.5 V through 3.0 V (independent of DVDD).
Analog Ground. Must be at same potential as DGND.
Receive (ADC) input.
Transmit (DAC) output.
ADC Filter Bypass. Requires 1 μF capacitor to AGND.
Voltage Reference. Requires 1 μF capacitor to AGND.
CLOCK SIGNALS
XTALI
XTALO
CLK_OUT
5
4
1
I
O
O
Crystal or Clock Input (12.288 MHz, 24.576 MHz, or 32.768 MHz). This clock input is neces­
sary only if the AD1803 is configured in either AC '97 primary or DSP mode, or if a wake
interrupt from an event is required (in any mode). This pin must be tied to DVDD or DGND
(not floated) when clock input is not necessary. If a crystal is used, it must be parallel
resonant first harmonic, and tied between this pin and the XTALO pin with load capacitance
specified by the crystal supplier. See the XTAL1 bit and the XTAL0 bit in Register 0x5C for
further details.
Crystal Output. This pin should be floated when a crystal is not used.
Buffered version of clock present on the XTALI pin, unless disabled. See the CLKED bit and
CLKEA bit in Register 0x5C for further details.
SERIAL INTERFACE SIGNALS1
RESET
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
10
6
9
7
8
I
I/O
I/O
O
I
Active Low Power-Down. Level of power-down is determined by bits in Register 0x5C. This
pin must be asserted (driven low) as power is first applied until the supply is stable. The
AD1803 is RESET exclusively by an internal power-on RESET circuit.
Serial Data Clock. Output if the AD1803 configured in AC '97 primary or DSP mode. Input if
the AD1803 is configured in any AC '97 secondary mode.
Serial Data Frame Sync. Output if the AD1803 is configured in DSP mode. Input if the
AD1803 is configured in any AC '97 mode.
Serial Data Output from AD1803.
Serial Data Input to AD1803.
Rev. A | Page 9 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com