Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices AD1803 Datasheet HTML 23Page - Analog Devices AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices AD1803 Datasheet HTML 27Page - Analog Devices AD1803 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD1803
Rev. A | Page 24 of 32
BANK 1—GPIO INITIAL STATES REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x60
0
0
0
0
0
0
0
0
GPIV7
GPIV6
GPIV5
GPIV4
GPIV3
GPIV2
GPIV1
GPIV0
0x0000
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
GPIV7 to
GPIV0
GPIO Pin Initial Value. When RESET is deasserted for the first time after power is applied to the AD1803, the states of all GPIO pins
are sampled and stored in this register. Writes to this register and subsequent logic level changes on GPIO pins have no effect on the
values reported by reads of this register. While the sampled states of GPIO Pin 2 and Pin 3 are used by the AD1803 to determine serial
interface mode (see Register 0x3C), all remaining GPIO pins are available for use, if beneficial, as identification bits to host software or
hardware. Immediately after power is first applied to the AD1803, all GPIO pins by default serve as inputs, but with weak pull-up
devices internal to the enabled AD1803. Since these pull-up devices have an effective resistance of about 30 kΩ, external resistors of
less than 8 kΩ tied to digital ground (DGND pin) must be used for logic lows to be sampled.
BANK 1—CLOCK PAD CONTROL REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x64
0
0
0
0
0
0
0
0
Res1
Res1
Res1
Res1
XTLP
COS2
COS1
COS0
0x0077
1 Res = reserved bit. To ensure future compatibility, reserved bits should be set to 0 when written and ignored when read.
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
XTLP
Crystal Oscillator Low Power Mode Enable. Depending on board design and crystal used, this bit can be set to 1 to engage
a crystal oscillator low power mode, which saves up to 0.7 mA. This mode reduces the amount of energy that an AD1803
provides to keep a crystal oscillating, but otherwise has no effect on AD1803 behavior. If a clock is driven onto the XTALI pin
from an external source, rather than generated by a crystal connected between the XTALI pin and XTALO pin, the optimal
setting for this bit is 1, although with only a slight power benefit.
0 = Normal power mode (default).
1 = Low power mode.
COS2 to COS0
CLK_OUT Pin Drive Strength Select. This bit can be used to reduce EM emissions, or three-state the CLK_OUT pin. 000 = 0% of
full drive strength (pad three-stated).
001 = 13% of full drive strength.
010 = 25% of full drive strength.
011 = 38% of full drive strength.
100 = 63% of full drive strength.
101 = 75% of full drive strength.
110 = 88% of full drive strength.
111 = 100% of full drive strength (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com