Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 31 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices AD1803 Datasheet HTML 27Page - Analog Devices AD1803 Datasheet HTML 28Page - Analog Devices AD1803 Datasheet HTML 29Page - Analog Devices AD1803 Datasheet HTML 30Page - Analog Devices AD1803 Datasheet HTML 31Page - Analog Devices AD1803 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD1803
Rev. A | Page 31 of 32
Bit[0]—GSTA (GPIO status). This bit exists solely for AC '97
compatibility. Its purpose is to provide a handshake for power-
up/power-down status changes initiated by writes to Bit GPDN.
Because the AD1803 responds to a write of Bit GPDN prior to
it being possible to read this bit in a following serial interface
frame, there is no reason to poll this status bit.
Step 8:
Write to Register 0x5C (Configuration 1 Register).
The purpose of this write is to change the register bank selection
in preparation for Step 9. The value written to Register 0x5C at
this time should be identical to the value from Step 1, except
with Bits[14:13] (BNK1, BNK0) set to 10.
Step 9:
Write to Register 0x62 Bank 2 (Monitor Output Control
Register).
Writes to this register have no purpose unless a pin has been
assigned to serve as a monitor output (see Step 3 in the Typical
Initialization Sequence Immediately After First section). This
register can be written to power up and power down the monitor
channel, select the mix of ADC and DAC channels delivered to
the monitor output, and select the order of the Σ-Δ monitor
output bit stream.
TYPICAL CODEC POWER-DOWN SEQUENCE
There are two ways to power down the codec. The first way is to
simply assert RESET (drive RESET pin low). This clears register
0x3E to its initial power-up default, powering down the ADC,
DAC, and voltage reference of the AD1803. A second method is
outlined below.
Step 1:
Write to Register 0x3E (Extended Status and Control
Register).
Bit[11]—DPDN (DAC power-down). This bit must be set to 1
to power down the DAC channel of the AD18103.
Bit[10]—APDN (ADC power-down). This bit must be set to 1
to power down the ADC channel of the AD18103.
Bit[9]—VPDN (voltage reference power-down). This bit can be
set to 1 to power down the voltage reference of the AD1803 and
save approximately 200 μA, but it can be desirable to leave the
voltage reference powered up. Leaving it powered up saves about
48 ms from a future codec power-up sequence, and avoids
potential clicks caused by the DAC output tracking the voltage
reference as it falls to 0 volts when powered down, and rises to
~1.25 V when powered back up.
Bit[8]—GPDN (GPIO power-down). This bit can be set to any
value because it has no effect on AD1803 operation when in
DSP mode.
Bit[1]—VSTA (voltage reference status). This bit can be polled
to determine the status of the part’s voltage reference. When
read as a 0, the voltage reference is either powered down or in
the process of powering up. When read as a 1, the voltage
reference is either powered up or in the process of powering
down. Within 0.8 ms after VPDN is set to 0, this bit transitions
from 1 to 0, indicating that the voltage reference is completely
powered down. If a clock is driven onto the XTALI pin, and it is
desired to stop this clock for additional system power savings,
this clock must not be stopped until after this bit falls to a 0.
TYPICAL CHIP POWER-DOWN SEQUENCE
Once the codec is powered down to the level desired, no add-
itional power can be saved unless the AD1803 receives a RESET,
ignoring power potentially saved by stopping the clock on
the CLK_OUT pin or disabling GPIO pin drivers, which have
resistive loads. When a RESET is received by the AD1803, the
serial interface automatically powers down, leaving the internal
clock generation and distribution circuitry of the part as the final
significant power consumer to be addressed. If Bit R34PM in
Register 0x5C is set to a 0 before RESET is asserted, this clock
circuitry is powered down as well when RESET is asserted, with
the consequence that wake-up on ring and ability to source a clock
on the CLK_OUT pin during RESET is lost. This leaves silicon
leakage current, typically less than 100 μA, plus inadvertent serial
interface loading as the final power drains. Inadvertent serial
interface loading can be due to either the AD1803 receiving
intermediate or switching logic levels on its BIT_CLK, SYNC,
or SDATA_OUT input pins, or the presence of resistive loads to
a potential other than DGND (AD1803 digital ground) on the
SDATA_IN or BIT_CLK output pins. This inadvertent serial
interface loading can be eliminated if Bit SPISO (Serial Port
Isolate) in Register 0x5E is set to 1 before the part receives a
RESETwith the consequence that output BIT_CLK is driven
low weakly (<200 μA drive current) whenever RESET is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com