Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1803 Datasheet HTML 10Page - Analog Devices AD1803 Datasheet HTML 11Page - Analog Devices AD1803 Datasheet HTML 12Page - Analog Devices AD1803 Datasheet HTML 13Page - Analog Devices AD1803 Datasheet HTML 14Page - Analog Devices AD1803 Datasheet HTML 15Page - Analog Devices AD1803 Datasheet HTML 16Page - Analog Devices AD1803 Datasheet HTML 17Page - Analog Devices AD1803 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD1803
REGISTER BANKS
Register addresses are based on the Intel AC '97 specification.
Because the AC '97 specification lacks sufficient vendor defined
register space to control all extended features of the AD1803,
some control registers must be accessed indirectly using register
banks. See the BNK1 and BNK0 bits in Register 0x5C for details.
REGISTER ACCESS RESTRICTIONS
Nearly all control registers can be read from or written to at any
time. Below is a list of restrictions that must be followed to ensure
proper operation of the AD1803:
• The clock frequency delivered to the AD1803 on XTALI
must be identified (via a write to the XTAL1 bit and
XTAL0 bit in Register 0x5C) before the codec is enabled
(via a write of 0 to Bits DPDN or APDN in Register 0x3E).
• During ADC calibration, codec sample rate (Register 0x40),
and ADC source and gain level must not be changed. Cali­
bration is initiated each time the AD1803’s ADC is enabled
(see Bit APDN in Register 0x3E) and whenever a 1 is written
to Bit ADCAL in Register 0x5C. Completion of calibration
is determined by polling the ADCAL bit.
GENERAL-PURPOSE I/O PIN OPERATION
Refer to Registers 0x4C through 0x54 and Register 0x60 for
complete details (see Figure 13).
Table 8. Voice Features
Feature
Power Supply
Maximum Sampling Frequency
Differential Handset Output
Single-Ended Line Output
Output Full-Scale Range
Output Attenuation Steps
Input Line/MIC Mux
Input Full-Scale Range
Input 0 dB/20 dB Gain Block
PGA, 0 dB to 22.5 dB Range
Single-Ended Input
Differential Input
Input Resistance
AD1803
3 V to 5 V
16 kHz
No
Yes, 600 Ω load
2.2 V p-p
+12 dB to −34.5 dB
Yes
0.777 V rms, 2.2 V p-p
Yes
Yes
Yes
No
10 kΩ min varies with gain
(see Table 9)
Table 9. Input Resistance vs. Gain Setting
PGA Gain (dB)
20 dB
Gain Block
PGA Gain (dB)
RIN (kΩ)
0.0 to 22.5
Disabled
0.0 to 22.5
100
0.0 to 22.5
Enabled
20.0 to 42.5
10
Rev. A | Page 14 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com