Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1803 Datasheet HTML 13Page - Analog Devices AD1803 Datasheet HTML 14Page - Analog Devices AD1803 Datasheet HTML 15Page - Analog Devices AD1803 Datasheet HTML 16Page - Analog Devices AD1803 Datasheet HTML 17Page - Analog Devices AD1803 Datasheet HTML 18Page - Analog Devices AD1803 Datasheet HTML 19Page - Analog Devices AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD1803
Rev. A | Page 17 of 32
CONTROL REGISTER DETAILS
EXTENDED MODEM ID REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x3C
ID1
ID0
0
0
0
0
0
0
0
0
0
0
0
0
0
LIN1
0xX00X
A write to this register has no effect on the states of bits within this register, but does trigger Register 0x3E and Bank 2 Register 0x60 to be
cleared to their default states, powering down the AD1803’s codec resources.
Bit Name
Description
ID1, ID0
Interface Identification. These bits can be read to determine the AD1803’s serial interface mode of operation. Serial interface mode
is chosen by the states of Pin 13 and Pin 12 when RESET is deasserted (RESET pin driven from low to high) for the first time after
power is applied to the AD1803.
00 = AC link primary (mode chosen if Pin 12 is high and Pin 13 is high on first deassertion of RESET).
01 = AC link secondary (mode chosen if Pin 12 is high and Pin 13 is low on first deassertion of RESET).
10 = AC link secondary (mode chosen if Pin 12 is low and Pin 13 is high on first deassertion of RESET).
11 = DSP link (mode chosen if Pin 12 is low and Pin 13 is low on first deassertion of RESET).
LIN1
Modem Line 1 Supported. For AC '97 compatibility, this bit returns a 1 when read to indicate that the AD1803 supports AC '97
modem line 1 features.
EXTENDED STATUS AND CONTROL REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x3E
Res1
Res1
Res1
Res1
DPDN
APDN
VPDN
GPDN
0
0
0
0
DSTA
ASTA
VSTA
GSTA
0xFF00
1 Res = reserved bit. To ensure future compatibility, reserved bits should be set to 0 when written and ignored when read.
This register is forced to its default when power is first applied to the AD1803, the RESET pin is driven low, or Register 0x3C is written with
any value.
Bit Name
Description
DPDN
DAC Power-Down. When this bit is set to 1 (default), all DAC resources within the AD1803 are powered down, and all DAC data sent
over the serial interface is ignored. When this bit is set to 0, the digital DAC resources are powered up. The analog DAC resources are
powered up only if the voltage reference of the AD1803 is powered up (Bit VPDN in this register is set to 0), and the analog codec of
the AD1803 is selected as the partner to the digital codec of the part (Bit ACSEL in Register 0x5C is set to 0).
0 = Enable digital DAC resources; conditionally enable analog DAC resources.
1 = Power-down all AD1803 DAC resources (default).
APDN
ADC Power-Down. When this bit is set to 1 (default), all ADC resources within the AD1803 are powered down, and all ADC data-words
sent out of the AD1803 over the serial interface are midscale (zero) and tagged invalid if the serial interface is configured in an AC '97
mode. When this bit is set to 0, the digital ADC resources within the AD1803 are powered up. The analog ADC resources within the
AD1803 are powered up only if both the voltage of the AD1803 reference is powered up (Bit VPDN in this register is set to 0), and the
analog codec of the AD1803 is selected as the partner to the digital codec of the part (Bit ACSEL in Register 0x5C is set to 0). Each
time the analog codec is powered up, an ADC dc offset calibration is automatically initiated. This calibration requires approximately
104 sample periods (defined by Register 0x40). It cannot be started until after the voltage reference is powered up (set Bit VPDN in
this register to 0), which requires about 48 ms. Bit VSTA in this register can be polled first to determine if the voltage reference is
powered up and then Bit ADCAL in Register 0x5C can be polled to determine if calibration is complete. During calibration, codec
sample rate, ADC source, and ADC gain level must not be changed.
0 = Enable AD1803 digital ADC resources; conditionally enable AD1803 analog ADC resources.
1 = Power-down all AD1803 ADC resources (default).
VPDN
Voltage Reference Power-Down. Writes to this bit initiate codec voltage reference power-up and power-down sequences. Bit VSTA in
this register can be polled to monitor current voltage reference status. Until the voltage reference is powered up, the analog ADC and
DAC channels of the AD1803 ignore the settings of Bit APDN and Bit DPDN and the part remains powered down.
0 = Enable voltage reference.
1 = Power-down voltage reference (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com