Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices AD1803 Datasheet HTML 23Page - Analog Devices AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices AD1803 Datasheet HTML 27Page - Analog Devices AD1803 Datasheet HTML 28Page - Analog Devices AD1803 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD1803
Rev. A | Page 25 of 32
BANK 2—MONITOR OUTPUT CONTROL REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D2
D2
D1
D0
Default
0x62
MMD1
MMD0
MDM
MDL4
MDL3
MDL2
MDL1
MDL0
Res
Res
MAM
MAL4
MAL3
MAL2
MAL1
MAL0
0x4000
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
MMD1,
MMD0
Monitor Output Mode. The monitor output of the AD1803 provides a programmable mix of the ADC and DAC signals passing
through the codec of the part. Pin 11 serves as the monitor output, providing Bit GPMON in Register 0x5E is set to 1. Otherwise,
Pin 11 serves its default role as a GPIO pin. When the monitor output is enabled (powered up) using Bits MDM[1:0], the monitor
output is in the form of digital Σ-Δ modulator bit stream with a maximum edge rate (carrier) of 512 kHz. One of two different Σ-Δ
modulator types can be activated: Either a first order that generates 6 dB more signal swing than the other choice but has more
inband noise and idle tones or a third order that has half the signal swing but significantly superior inband noise and negligible
idle tones. To extract the signal from the Σ-Δ modulator noise, it is recommended that the monitor output be filtered by connecting
Pin 11 to a 1 kΩ resistor in series with a parallel 4.7 kΩ resistor and 100 nF capacitor combination which is then tied to digital ground
(DVDD pin). This filter, with the output taken from the middle node, has a 1500 Hz corner to filter out high frequency Σ-Δ noise. It
generates an approximate 1 V p-p output when using a 5 V digital supply with the monitor output configured as a first order (MMD1 and
MMD0 set to 10) if the filter output load is greater than or equal to 20 kΩ. Other filter networks can also be used, perhaps to save
power or increase effective output signal swing, but for long term reliability, care must be taken to ensure that the monitor output
never sources more than 5 mA. The recommended filter dissipates approximately 1 mA.
00 = Reserved.
01 = Monitor output powered down and driven low (default).
10 = Monitor enabled, first-order Σ-Δ output, signal swing: 0% to 100% ones (best signal amplitude).
11 = Monitor enabled, third-order Σ-Δ output, signal swing: 25% to 75% ones (best signal SNR post filter).
MDM
Monitor Output DAC Mix Mute. If both ADC and DAC mix are muted, the monitor output should be powered down (MDM[1:0] set to
10) to achieve a quieter mute.
0 = DAC mix level determined by bits MDL4 to MDL0 (default).
1 = DAC mix is muted.
MDL4 to
MDL0
Monitor Output DAC Mix Level. Unless muted by the MDM bit in this register, these bits control the amount of DAC signal that is
mixed into the monitor output. Representation is two’s complement with an LSB weighting of 3 dB and a permissible range of +45
dB to −18 dB. If the analog codec of the AD1803 is in use (ACSEL set to 0), the DAC signal mixed is taken before this attenuation is
applied. In either case, the DAC signal mixed is always taken before the mute bit DAM in Register 0x46 is applied.
01111 = +45 dB.
00000 = 0 dB (default).
11010 = −18 dB.
MAM
Monitor Output ADC Mix Mute. If both ADC and DAC mix are muted, the monitor output should probably be powered down
(MAM[1:0] set to 10) to achieve a quieter mute.
0 = ADC mix level determined by bits MAL[4:0] (default).
1 = ADC mix is muted.
MAL4 to
MAL0
Monitor Output ADC Mix Level. Unless muted by the MAM bit in this register, these bits control the amount of ADC signal that is
mixed into the monitor output. Representation is two’s complement with an LSB weighting of 3 dB and a permissible range of
+45 dB to −18 dB. The ADC signal mixed is always taken after the gain specified by Bit DAL4 to Bit DAL0 in Register 0x46 is applied,
but before the mute bit ADM in Register 0x46 is applied.
01111 = +45 dB.
00000 = 0 dB (default).
11010 = −18 dB.
VERSION ID REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x7A
0
0
0
0
0
0
0
0
VER7
VER6
VER5
VER4
VER3
VER2
VER1
VER0
0x0002
Bit Name
Description
VER7 to VER0
AD1803 Version. Writes to this register have no effect. The latest version of the AD1803 is 0x0002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com