Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1803 Datasheet HTML 19Page - Analog Devices AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices AD1803 Datasheet HTML 23Page - Analog Devices AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices AD1803 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD1803
Rev. A | Page 23 of 32
Bit Name
Description
CLKEA
CLK_OUT Enable While RESET Is Asserted (Driven Low). This bit controls the operation of the CLK_OUT pin while the RESET pin
is asserted. See Bit CLKED for CLK_OUT operation while RESET is deasserted. If Bit R34PM is set to 0, this bit is ignored, and
CLK_OUT is driven low while RESET is asserted.
0 = When RESET is asserted, CLK_OUT is driven low.
1 = When RESET is asserted, CLK_OUT reflects clock received on XTALI (providing R34PM set to 1) (default).
CONFIGURATION 2 REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x5E
GPBAR
GPWAK
GPMON
GPMIC
SPCHN
SPGBP
SPDSS
SPISO
SPDL1
SPDL0
Res1
Res1
Res1
Res1
Res1
Res1
0x0018
1 Res = reserved bit. To ensure future compatibility, reserved bits should be set to 0 when written and ignored when read.
This register is forced to its default only when power is first applied to the AD1803.
Bit Name
Description
GPBAR
GPIO Interface Select.
0 = Use AD1803 Pin 24, Pin 23, and Pin 22 as G[5], G[6], and G[7] respectively (default).
1 = Reserved.
GPWAK
G[3]/Wake Interrupt Signal Select.
0 = Use AD1803 Pin 12 as GPIO[3] (default).
1 = Use AD1803 Pin 12 as Wake Interrupt (see Register 0x52).
GPMON
GP[4]/Monitor Output Select.
0 = Use AD1803 Pin 11 as GPIO[4] (default).
1 = Use AD1803 Pin 11 as Σ-Δ monitor output (see Register 0x60 Bank 2).
GPMIC
GP[1]/MIC Input Select.
0 = Use AD1803 Pin 15 as G[1] (default).
1 = Use AD1803 Pin 15 as analog MIC input (see Bit ADS in Register 0x46).
SPCHN
Serial Port Chaining Mode Enabled. This bit is ignored unless the AD1803 is in an AC '97 serial interface
mode (see Register 0x3C). This bit can be used to chain multiple AC '97 devices to a single 4-wire AC '97 link. Consult Analog
Devices, Inc. for further details.
0 = ADI chaining mode disabled (default).
1 = ADI chaining mode enabled.
SPGBP
Serial Port GPIO Bit Placement Select. This bit is ignored unless the AD1803 is configured in an AC '97 serial
interface mode (see Register 0x3C). Writes to this bit take effect on the current serial interface frame.
0 = State of AD1803 G[7] through G[0]0 reflected on Bits [1:4] of Slot 12 (default).
1 = State of AD1803 G[7] through G[0] reflected on Bits [19:12] of Slot 12
SPDSS
Serial Port Data Slot Size Select. This bit is ignored unless the AD1803 is configured in an AC '97 serial interface mode (see Register
0x3C). When set to 1, the four LSBs of all 20-bit data slots are dropped, allowing a simpler connection with a DSP. Writes to this bit
take effect during the current frame, but can distort the current frames slot alignment. As a result, when the state of this bit is
changed, all data slots sent to the AD1803 should be set to zero and all data slots received from the part should be ignored.
0 = Data slots are 20 bits (default).
1 = Data slots are 16 bits.
SPISO
Serial Port Isolate. When this bit is set to 1, the AD1803 serial interface is isolated from the outside system whenever RESET is
asserted. This is achieved by ignoring the signals received on serial interface input pins and driving serial interface output pins
weakly (less than 200 μA), rather than with nominal output drive strengths. This bit should be set to 1 prior to a controller on the
other side of the part’s serial interface losing power if the AD1803 continues to receive power. It can also be set to 1 to save power
if the part’s serial interface input pins continue to make transitions while RESET is asserted.
SPDL1,
SPDL0
Serial Port Data Slot Location Select. These bits are ignored unless the AD1803 is configured in an AC '97 serial interface mode (see
Register 0x3C). Writes to these bits take effect during the current frame, but data sent during the current frame can be distorted or
dropped. For reliable operation, these bits should not be changed while the codec is enabled.
00 = AD1803 uses Slot 5 to send and receive sample data (default).
01 = AD1803 uses Slot 10 to send and receive sample data.
10 = AD1803 uses Slot 11 to send and receive sample data.
11 = Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com