Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 29 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1803 Datasheet HTML 24Page - Analog Devices AD1803 Datasheet HTML 25Page - Analog Devices AD1803 Datasheet HTML 26Page - Analog Devices AD1803 Datasheet HTML 27Page - Analog Devices AD1803 Datasheet HTML 28Page - Analog Devices AD1803 Datasheet HTML 29Page - Analog Devices AD1803 Datasheet HTML 30Page - Analog Devices AD1803 Datasheet HTML 31Page - Analog Devices AD1803 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD1803
Rev. A | Page 29 of 32
TYPICAL INITIALIZATION SEQUENCE
IMMEDIATELY AFTER FIRST RESET
Step 1:
Write to Register 0x5C (Configuration 1 Register).
Bits[14:13]—BNK1, BNK0 (register bank select). These bits
should be set to 01 in preparation for Step 2.
Bit[12]—R34PM (RESET power mode select). If it is desired to
have the AD1803 drive a clock out on the CLK_OUT pin while
RESET is asserted, this bit must be changed from its default
setting of 0 to 1, otherwise, the AD1803 is completely powered
down whenever RESET is asserted (RESET pin driven low).
Bits[11:10]—XTAL1, XTAL0 (clock identification): If the clock
presented on pin XTALI is not 24.576 MHz, the default setting
of these bits must be changed to identify the actual XTALI
frequency provided.
Bit[9]—ACSEL (analog codec select). While this bit can be
updated at any time, and even while the codec is enabled, it is
recommended to set this bit prior to enabling the codec. This
bit selects an analog codec used in conjunction with the digital
codec within the AD1803. When set to 0, which is the default,
the analog codec within the AD1803 is used.
Bit[8]—ADCAL (ADC calibration recalibration). Until the
codec is enabled, writes to this bit have little purpose.
Bit[7]—CLKED (CLK_OUT enable while RESET is deasserted).
Immediately after RESET is deasserted (RESET pin driven high)
this bit is always RESET to a 1. This enables the CLK_OUT pin to
provide a buffered version of the clock received on the XTALI
pin following every deassertion of RESET. Therefore, to stop
this clock low and save power, this bit must be set to 0 after every
deassertion of RESET. Stopping CLK_OUT saves about 1.5 mA
plus any addition current saved by not driving the board load
that might be present. Note that CLK_OUT can also be
permanently three-stated using bits COS2 to COS0 in Register
0x64 Bank 1.
Bit[6]—CLKEA (CLK_OUT enable while RESET is asserted).
This bit must be changed from its default of 0 to 1 if it is desired
to have the CLK_OUT pin provide a clock output while the
AD1803 is RESET (RESET pin driven low). Note that Bit R34PM
can override the behavior selected by the state of this bit.
Step 2:
Write to Register 0x64 (Bank 1—Clock Pad Control
Register).
Bit[3]—XTLP (crystal oscillator low power mode enable).
Depending on board design and crystal used, this bit can be
set to 1 to engage a crystal oscillator low power mode, which
saves up to 0.7 mA. This mode reduces the amount of energy
that an AD1803 provides to keep a crystal oscillating, but other-
wise has no effect on AD1803 behavior. If a clock is driven onto
the XTALI pin from an external source rather than generated
by a crystal connected between the XTALI and XTALO pins,
the optimal setting for this bit is 1, although with only a slight
power benefit.
Bits[2:0]—COS2 to COS0 (CLK_OUT pin drive strength
select). These bits should be set to select the optimal output
driver strength for the CLK_OUT pin to soften edges and
reduce EMI emissions.
Step 3:
Write to Register 0x5E (Configuration 2 Register).
Bit[14]—GPWAK (G[3]/Wake interrupt signal select). If an
interrupt/wake output signal is desired, this bit must be changed
from its default setting of 0 to 1. This enables Pin 12 to serve
this role rather than a default role as a general-purpose I/O pin.
When serving as an interrupt/wake flag, Pin 12 is driven high
whenever a qualifying event has occurred.
Bit[13]—GPMON (G[4]/Monitor output select): If the monitor
output feature is used, this bit must be changed from its default
setting of 0 to 1. This enables Pin 11 to serve this role rather
than a default role as a general-purpose I/O pin. When serving
as a monitor output, Pin 11 outputs a Σ-Δ bit stream consisting
of a selectable mix of the signals present on the ADC and DAC
channels.
Bit[12]—GPMIC (GPI[1]/MIC input select). If a second select-
able ADC input source is desired, the setting of this bit must be
changed from its default of 0 to 1. This switches the role of Pin 15
from a general-purpose input flag to an analog MIC input.
Bit[11], Bit[10], Bit[9], Bit[7], and Bit[6]—SPCHN, SPGBP,
SPDSS, SPDL1, and SPDL0. These bits affect the operation of
the AD1803 only if in an AC '97 serial interface mode.
Bit[8]—SPISO (serial port isolate). See the Typical Codec
Power-Down Sequence section for further details.
Step 4:
Read Register 0x60 (Bank 1—GPIO Initial States
Register).
As RESET is deasserted (RESET pin driven high), the first time
after power is applied to the AD1803, the states of all general-
purpose I/O pins are sampled and stored in this register. While
the sampled states of GPIO Pin 2 and Pin 3 are used by the
AD1803 to determine serial interface mode, all remaining GPIO
pins are available for use, if beneficial, as identification bits to
a host software.
Step 5:
Write to Register 0x4C through Register 0x54 (GPIO
control registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com