Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 19 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1803 Datasheet HTML 15Page - Analog Devices AD1803 Datasheet HTML 16Page - Analog Devices AD1803 Datasheet HTML 17Page - Analog Devices AD1803 Datasheet HTML 18Page - Analog Devices AD1803 Datasheet HTML 19Page - Analog Devices AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices AD1803 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD1803
DAC/ADC LEVEL CONTROL REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x46
DAM
0
0
DAL4
DAL3
DAL2
DAL1
DAL0
ADM
0
ADS
ADG20
ADL3
ADL2
ADL1
ADL0
0x8080
This register is forced to its default only when power is first applied to the AD1803.
The states of Bit ADS, Bit ADG20, and Bit ADL3 to Bit ADL0 in this register must not be changed while an ADC calibration is in progress if
the analog codec of the AD1803 is in use (see Bit APDN in Register 0x3E and Bit ADCAL in Register 0x5C).
Bit Name
Description
DAM
DAC Mute.
0 = DAC output enabled.
1 = DAC output muted (forced to midscale) (default).
DAL4 to DAL0
DAC Attenuation Level Select. Least significant bit represents −1.5 dB. This attenuation is valid when the AD1803’s analog
codec is used with the digital codec of the AD1803 (Bit ACSEL in Register 0x5C = 0).
00000 = +12.0 dB gain (default).
11111 = −34.5 dB attenuation.
ADM
ADC Mute.
0 = ADC samples passed.
1 = ADC samples substituted with midscale (0) data (default).
ADS
Analog ADC Input Select. The state of this bit has no effect on ADC behavior unless Bit ACSEL in Register 0x5C is set to 0
(default). This selects the analog codec of the AD1803 to partner with the digital codec of the part. If this bit is used to select
the MIC input as the ADC input of the AD1803, Pin 15 must first be assigned to serve as this MIC input rather than its default
role as a GPIO pin. This is done by setting Bit GPMIC in Register 0x5E to 1.
0 = Pin 16 (Rx input) selected as AD1803 ADC input source (default).
1 = Pin 15 (MIC input) selected as AD1803 ADC input source (requires GPMIC in Register 0x5E set to 1).
ADG20
AD1803 Analog ADC 20 dB Gain Enable. The state of this bit has no effect on ADC behavior unless Bit ACSEL in Register 0x5C is
set to 0 (default). This selects the analog codec to partner with the digital codec. Total ADC gain is the summation due to this
bit and Bit ADL3 to Bit ADL0.
0 = 0 dB gain (default).
1 = 20 dB gain.
ADL3 to ADL0
AD1803 ADC Gain Level Select. The state of these bits has no effect on ADC behavior unless Bit ACSEL in Register 0x5C is set to
0 (default). This selects the AD1803’s analog codec to partner the AD1803’s digital codec.
0000 = 0.0 dB gain (default).
1111 = 22.5 dB gain.
Rev. A | Page 19 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com