Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1803 Datasheet HTML 14Page - Analog Devices AD1803 Datasheet HTML 15Page - Analog Devices AD1803 Datasheet HTML 16Page - Analog Devices AD1803 Datasheet HTML 17Page - Analog Devices AD1803 Datasheet HTML 18Page - Analog Devices AD1803 Datasheet HTML 19Page - Analog Devices AD1803 Datasheet HTML 20Page - Analog Devices AD1803 Datasheet HTML 21Page - Analog Devices AD1803 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD1803
Bit Name
Description
GPDN
GPIO Power-Down. Setting this bit affects the behavior of the AD1803 only when it is configured in an AC '97 mode (see Register
0x3C). This bit determines whether the logic levels received on the general-purpose input/output (GPIO) pins are reflected on the
bits in Slot 12 of the AC '97 link, and whether or not the states of bits in Slot 12 determine the logic levels to drive out of GPIO pins
that are configured as outputs. See Bit SPGBP in Register 0x5E for mapping. Contrary to the AC '97 specification, the setting of this bit
does not actually control the power-up/power-down state of the GPIO pins. AD1803 GPIO pins are powered up and perform the
functions they are assigned by programming Register 0x4C through Register 0x54 and Register 0x5E.
0 = Slot 12 output bits reflect logic levels received on GPIO pins. Slot 12 input bits determine logic bevels to drive out GPIO pins
configured as outputs.
1 = Slot 12 output bits all 0 (default). Slot 12 input bits are ignored.
DSTA
DAC Status. This bit exists solely for AC '97 compatibility. Its purpose is to provide a handshake for DAC power-up/power-down status
changes initiated by writes to Bit DPDN in this register. Because the AD1803 responds to a write of Bit DPDN before it is possible to
read this bit in a following serial interface frame, there is no reason to poll this status bit. Writes to this bit have no effect on AD1803
behavior.
ASTA
ADC Status. This bit exists solely for AC '97 compatibility. Its purpose is to provide a handshake for ADC power-up/power-down status
changes initiated by writes to Bit APDN in this register. Because the AD1803 responds to a write of Bit APDN prior to it being possible
to read this bit in a following serial interface frame, there is no reason to poll this status bit. Writes to this bit have no effect on
AD1803 behavior.
VSTA
Voltage Reference Status. This bit can be polled to monitor the status of the codec voltage reference of the AD1803. When read as a
0, the voltage reference is powered down or in the process of powering up. When read as a 1, the voltage reference is powered up or
in the process of powering down. Approximately 48 ms after Bit VPDN in this register is set to a 0, this bit transitions from a 0 to a 1
indicating that the voltage reference is fully powered up. Approximately 0.8 ms after VPDN is set to a 1, this bit transitions from a 1 to
a 0 indicating that the voltage reference is fully powered-down. If a clock is driven onto the XTALI pin (rather than generated by a
crystal placed between the XTALI pin and XTALO pin), and it is desired to stop this clock for additional system power savings, stop the
clock after this bit falls to 0. Writes to this bit have no effect on the behavior of the AD1803.
GSTA
GPIO Status. This bit exists solely for AC '97 compatibility. Its purpose is to provide a handshake for DAC power-up/power-down
status changes initiated by writes to Bit GPDN in this register. However, since the AD1803 responds to a write of Bit GPDN prior to it
being possible to read this bit in a following serial interface frame, there is no reason to poll this status bit. Writes to this bit have no
effect on the behavior of the AD1803.
LINE DAC/ADC SAMPLE RATE CONTROL REGISTER
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x40
SRG1
SRG0
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
0x3E80
This register is forced to its default only when power is first applied to the AD1803. Do not write to this register while an ADC calibration is in
progress (see Bit APDN in Register 0x3E and Bit ADCAL in Register 0x5C).
When the AD1803 serial interface is configured in DSP mode, writes to the lower byte of this register are temporarily placed in a holding
register and do not actually take effect until the upper byte is written. This ensures that the 16-bit sample rate only takes effect as a whole.
Reads of the lower byte of this register return the contents of this holding register that do not necessarily reflect the current sample rate.
Bit Name
Description
SRG1,
SRG0
Sample Rate Granularity. These bits select the LSB weighting of the Bits SR[13:0] (Sample Rate Select). These bits select a
fundamental LSB weighting of either 1 Hz, 8/7 Hz, or 10/7 Hz for Bits SR[13:0].
00 = SR[13:0] LSB weight is 1 Hz.
01 = SR[13:0] LSB weight is 8/7 Hz.
10 = SR[13:0] LSB weight is 10/7 Hz.
11 = Reserved.
SR13 to
SR0
Sample Rate Select. Bits SRG[1:0] (Sample Rate Granularity), these bits define the sample rate for both the ADC and DAC codec
channels. Permitted settings of SR[13:0] range from 6400 to 16000 when SRG[1:0] = 00, 5600 to 14,000 when SRG[1:0] = 01, and
4480 to 11,200 when SRG[1:0] = 10. The default sample rate is 16,000 Hz.
Rev. A | Page 18 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com