Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 55 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 51Page - STMicroelectronics UM0434 Datasheet HTML 52Page - STMicroelectronics UM0434 Datasheet HTML 53Page - STMicroelectronics UM0434 Datasheet HTML 54Page - STMicroelectronics UM0434 Datasheet HTML 55Page - STMicroelectronics UM0434 Datasheet HTML 56Page - STMicroelectronics UM0434 Datasheet HTML 57Page - STMicroelectronics UM0434 Datasheet HTML 58Page - STMicroelectronics UM0434 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 390 page
background image
Register model
UM0434
56/391
4.8.1
Interrupt Registers Defined by Book E
This section describes the following registers and their fields:
●
Chapter : Save/restore register 0 (SRR0) on page 56”
●
Chapter : Save/restore register 1 (SRR1) on page 56”
●
Chapter : Critical save/restore register 0 (CSRR0) on page 56”
●
Chapter : Critical save/restore register 1 (CSRR1) on page 57”
●
Chapter : Data exception address register (DEAR) on page 57”
●
Chapter : Interrupt vector prefix register (IVPR) on page 57”
●
Chapter : Interrupt vector offset registers (IVORs) on page 58”
●
Chapter 4.9: Exception syndrome register (ESR) on page 59”
Save/restore register 0 (SRR0)
During a non-critical interrupt, SRR0, shown in
Table 23, holds the address of the instruction
where the interrupted process should resume. The instruction is interrupt-specific, although
for instruction-caused exceptions, the address of the instruction typically causes the
interrupt. When rfi executes, instruction execution continues at the address in SRR0. SRR0
and SRR1 are not affected by rfci or rfdi.
Save/restore register 1 (SRR1)
SRR1, shown in
Table 24, is used to save and restore machine state during non-critical
interrupts. When a non-critical interrupt is taken, MSR contents are placed into SRR1. When
rfi executes, the contents of SRR1 are restored into MSR. SRR1 bits that correspond to
reserved MSR bits are also reserved. (See
Chapter 4.4.1: Machine state register (MSR)”.)
SRR0 and SRR1 are not affected by rfci or rfdi. Reserved MSR bits can be altered by rfi,
rfci, or rfdi.
Critical save/restore register 0 (CSRR0)
CSRR0 is used to save and restore machine state during critical interrupts in the same way
SRR0 is used for non-critical interrupts: to hold the address of the instruction to which
Table 23.
Save/restore register 0 (SRR0)
32
63
Field
Next instruction address
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 26
Table 24.
Save/restore register 1 (SRR1)
32
63
Field
MSR state information
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com