Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 92 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 88Page - STMicroelectronics UM0434 Datasheet HTML 89Page - STMicroelectronics UM0434 Datasheet HTML 90Page - STMicroelectronics UM0434 Datasheet HTML 91Page - STMicroelectronics UM0434 Datasheet HTML 92Page - STMicroelectronics UM0434 Datasheet HTML 93Page - STMicroelectronics UM0434 Datasheet HTML 94Page - STMicroelectronics UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 390 page
background image
UM0434
Register model
93/391
The MAS2 register is shown in
Table 77.
MAS2 fields are defined in
Table 78.
Table 76.
MAS1 - descriptor context and configuration control
Bits
Name
Description
32
VALID
TLB entry valid.
0 This TLB entry is invalid.
1 This TLB entry is valid.
33
IPROT
Invalidation protect. Protects TLB entry from invalidation by tlbivax (TLB1 only), or flash
invalidates through MMUCSR0[TLB1_FI].
0 Entry is not protected from invalidation.
1 Entry is protected from invalidation as described in
Chapter 7.3.1: IPROT
invalidation protection in TLB1 on page 198.”
34–39
—
Reserved, should be cleared.
40–47
TID
Translation ID. Compared with the current process IDs of the effective address to be translated.
A TID value of 0 defines an entry as global and matches with all process IDs.
48–50
—
Reserved, should be cleared.
51
TS
Translation address space. Compared with MSR[IS] or MSR[DS] (depending on the type of
access) to determine if this TLB entry may be used for translation.
52–55
TSIZE
Entry page size.
Supported page sizes are:
0001 4 Kbytes 0110 4 Mbytes.
0010 16 Kbytes 0111 16 Mbytes.
0011 64 Kbytes 1000 64 Mbytes.
0100 256 Kbytes 1001 256 Mbytes.
0101 1 Mbyte.
All other values are undefined.
56–63
—
Reserved, should be cleared.
Table 77.
MMU assist register 2 (MAS2)
SPR
626
Access: Supervisor read/write
0
32
R
EPN
W
Reset
Undefined
32
51 52
54 55 56 57 58 59 60 61 62 63
R
EPN
—VLE W
I
M G E
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com