Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 56 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 52Page - STMicroelectronics UM0434 Datasheet HTML 53Page - STMicroelectronics UM0434 Datasheet HTML 54Page - STMicroelectronics UM0434 Datasheet HTML 55Page - STMicroelectronics UM0434 Datasheet HTML 56Page - STMicroelectronics UM0434 Datasheet HTML 57Page - STMicroelectronics UM0434 Datasheet HTML 58Page - STMicroelectronics UM0434 Datasheet HTML 59Page - STMicroelectronics UM0434 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 390 page
background image
UM0434
Register model
57/391
control is passed at the end of the interrupt handler. CSRR0, shown in
Table 25, holds the
address of the instruction where the interrupted process should resume. The instruction is
interrupt-specific; for details, see
Chapter 6: Interrupts and exceptions.” When rfci executes,
instruction execution continues at the address in CSRR0. CSRR0 and CSRR1 are not
affected by rfi or rfdi.
Critical save/restore register 1 (CSRR1)
CSRR1, shown in
Table 26, is used to save and restore machine state during critical
interrupts. MSR contents are placed into CSRR1. When rfci executes, the contents of
CSRR1 are restored into MSR. CSRR1 bits that correspond to reserved MSR bits are also
reserved. (See
Chapter 4.4.1: Machine state register (MSR) on page 43.”) CSRR0 and
CSRR1 are not affected by rfi or rfdi. Reserved MSR bits can be altered by rfi, rfci, or rfdi.
Data exception address register (DEAR)
DEAR, shown in
Table 27, is loaded with the effective address of a data access (caused by
a load, store, or cache management instruction) that results in an alignment, data TLB miss,
or data storage interrupt.
Interrupt vector prefix register (IVPR)
The IVPR, shown in <Cross Refs>Figure 28, is used during interrupt processing to
determine the starting address for the software interrupt handler. The value contained in the
vector offset field of the IVOR selected for a particular interrupt type is concatenated with the
value in the IVPR to form an instruction address from which execution is to begin.
Table 25.
Critical save/restore register 0 (CSRR0)
32
63
Field
Next instruction address
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 58
Table 26.
Critical save/restore register 1 (CSRR1)
32
63
Field
MSR state information
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 59
Table 27.
Data exception address register (DEAR)
32
63
Field
Exception address
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com