Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 84 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 80Page - STMicroelectronics UM0434 Datasheet HTML 81Page - STMicroelectronics UM0434 Datasheet HTML 82Page - STMicroelectronics UM0434 Datasheet HTML 83Page - STMicroelectronics UM0434 Datasheet HTML 84Page - STMicroelectronics UM0434 Datasheet HTML 85Page - STMicroelectronics UM0434 Datasheet HTML 86Page - STMicroelectronics UM0434 Datasheet HTML 87Page - STMicroelectronics UM0434 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 390 page
background image
UM0434
Register model
85/391
Table 60.
HID0 field descriptions
Bits
Name
Description
32
EMCP
Enable machine check signal (
p_mcp_b). Used to mask out further machine check
exceptions caused by assertion of
p_mcp_b.
0
p_mcp_b is disabled.
1
p_mcp_b is enabled. If MSR[ME] = 0, asserting p_mcp_b causes checkstop. If
MSR[ME] = 1, asserting
p_mcp_b causes a machine check interrupt.
33–37
—
Reserved, should be cleared.
38–39
BPRED
Branch prediction (acceleration) control. Controls BTB lookahead for branch acceleration.
Note that for branches with AA = 1, the msb of the displacement field is still used to indicate
forward/backward, even though the branch is absolute. Used in conjunction with BUCSR.
00 Branch acceleration is enabled.
01 Branch acceleration is disabled for backward branches.
10 Branch acceleration is disabled for forward branches.
11 Branch acceleration is disabled for both branch directions.
40
DOZE
Doze power management mode. Doze mode is invoked by setting MSR[WE] while DOZE = 1.
0 Doze mode is disabled.
1 Doze mode is enabled.
41
NAP
Nap power management mode. Nap mode is invoked by setting MSR[WE] while NAP=1.
0 Nap mode is disabled.
1 Nap mode is enabled.
42
SLEEP
Sleep power management mode. Sleep mode is invoked by setting MSR[WE] while WE=1.
Only one of DOZE, NAP, or SLEEP should be set for proper operation.
0 Sleep mode is disabled.
1 Sleep mode is enabled.
43–45
—
Reserved, should be cleared.
46
ICR
Interrupt inputs clear reservation.
0 External and critical input interrupts do not affect reservation status.
1 External and critical input interrupts clear an outstanding reservation.
47
NHR
Not hardware reset. Provided for software use. Set anytime by software, cleared by reset.
0 Indicates a reset to a reset exception handler if software has previously set this bit.
1 Indicates to a reset exception handler that there was no reset if software has previously set
this bit.
48
—
Reserved, should be cleared.
49
TBEN
Time base enable. Used to enable the time base and decrementer.
0 Time base is disabled.
1 Time base is enabled.
50
SEL_TBCL
K
Select time base clock. Selects the time base clock source. This bit must altered while the
time base is disabled to prevent counter glitches. Timer interrupts should be disabled
beforehand, and TBL and TBU are reinitialized after a change of time base clock source.
0 Time base is based on processor clock.
1 Time base is based on the
p_tbclk input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com