Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 70 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 66Page - STMicroelectronics UM0434 Datasheet HTML 67Page - STMicroelectronics UM0434 Datasheet HTML 68Page - STMicroelectronics UM0434 Datasheet HTML 69Page - STMicroelectronics UM0434 Datasheet HTML 70Page - STMicroelectronics UM0434 Datasheet HTML 71Page - STMicroelectronics UM0434 Datasheet HTML 72Page - STMicroelectronics UM0434 Datasheet HTML 73Page - STMicroelectronics UM0434 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 390 page
background image
UM0434
Register model
71/391
Refer to
Section : Debug control register 3 (DBCR3) on page 77,” for details on updates to
the DBCNT register. There are restrictions on how the DBCNT and DBCR3 register are
modified when one or more counters are enabled.
4.12.3
Debug control and status registers (DBCR0–DBCR3)
DBCR0–DBCR3 enable debug events, reset the processor, control timer operation during
debug events and set the debug mode of the processor. The debug status register (DBSR)
records debug exceptions while internal or external debug mode is enabled.
To ensure that any alterations enabling/disabling debug events are effective, the e200z3
requires that a context synchronizing instruction follow an mtspr that updates a DBCR or
DBSR. The context synchronizing instruction may or may not be affected by the alteration.
Typically, an isync is used to create a synchronization boundary beyond which it can be
guaranteed that the newly written control values are in effect. For watchpoint generation and
counter operation, configuration settings in DBCR1–DBCR3 are used, even though the
corresponding events can be disabled (via DBCR0) from setting DBSR flags.
Debug Control Register 0 (DBCR0)
DBCR0 is used to enable debug modes and controls which debug events are allowed to set
DBSR flags. The e200z3 adds bits to this register, as shown in
Table 50.
Table 51 provides field definitions for DBCR0.
Table 50.
DBCR0 Register
32
33 34 35
36
37
38
39
40
41
42
43
44 45 46 47
Field EDM IDM RST ICMP
BRT
IRPT
TRAP
IAC1
IAC2
IAC3 IAC4 DAC1 DAC2
Reset
All zeros(1)
1.
DBCR0[EDM] is affected by
j_trst_b or m_por assertion, and while in the test_logic_reset state, but not by
p_reset_b. All other bits are reset by processor reset p_reset_b as well as by m_por.
R/W
R/W
48
49
52
53
54
55
56
57
58
59
62 63
RET
—
DEVT1 DEVT2 DCNT1 DCNT2 CIRPT CRET VLES
—
FT
Reset
All zeros 1
R/W
R/W
SPR
SPR 308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com