Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 99 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics UM0434 Datasheet HTML 97Page - STMicroelectronics UM0434 Datasheet HTML 98Page - STMicroelectronics UM0434 Datasheet HTML 99Page - STMicroelectronics UM0434 Datasheet HTML 100Page - STMicroelectronics UM0434 Datasheet HTML 101Page - STMicroelectronics UM0434 Datasheet HTML 102Page - STMicroelectronics UM0434 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 390 page
background image
Register model
UM0434
100/391
IVOR3
Interrupt vector offset register 3
403
R/W
Yes
No
IVOR4
Interrupt vector offset register 4
404
R/W
Yes
No
IVOR5
Interrupt vector offset register 5
405
R/W
Yes
No
IVOR6
Interrupt vector offset register 6
406
R/W
Yes
No
IVOR7
Interrupt vector offset register 7
407
R/W
Yes
No
IVOR8
Interrupt vector offset register 8
408
R/W
Yes
No
IVOR9(3)
Interrupt vector offset register 9
409
R/W
Yes
No
IVOR10
Interrupt vector offset register 10
410
R/W
Yes
No
IVOR11
Interrupt vector offset register 11
411
R/W
Yes
No
IVOR12
Interrupt vector offset register 12
412
R/W
Yes
No
IVOR13
Interrupt vector offset register 13
413
R/W
Yes
No
IVOR14
Interrupt vector offset register 14
414
R/W
Yes
No
IVOR15
Interrupt vector offset register 15
415
R/W
Yes
No
IVOR32
Interrupt vector offset register 32
528
R/W
Yes
Yes
IVOR33
Interrupt vector offset register 33
529
R/W
Yes
Yes
IVOR34
Interrupt vector offset register 34
530
R/W
Yes
Yes
IVPR
Interrupt vector prefix register
63
R/W
Yes
No
LR
Link register
8
R/W
No
No
L1CFG0
L1 cache configuration register 0
515
Read only
No
Yes
MAS0
MMU assist register 0
624
R/W
Yes
Yes
MAS1
MMU assist register 1
625
R/W
Yes
Yes
MAS2
MMU assist register 2
626
R/W
Yes
Yes
MAS3
MMU assist register 3
627
R/W
Yes
Yes
MAS4
MMU assist register 4
628
R/W
Yes
Yes
MAS6
MMU assist register 6
630
R/W
Yes
Yes
MCSR
Machine check syndrome register
572
R/W
Yes
Yes
MMUCFG
MMU configuration register
1015
Read only
Yes
Yes
MMUCSR0 MMU control and status register 0
1012
R/W
Yes
Yes
PID0
Process ID register
48
R/W
Yes
No
PIR
Processor ID register
286
Read only
Yes
No
PVR
Processor version register
287
Read only
Yes
No
SPEFSCR SPE APU status and control register
512
R/W
No
No
SPRG0
SPR general 0
272
R/W
Yes
No
SPRG1
SPR general 1
273
R/W
Yes
No
Table 89.
Special purpose registers (continued)
Mnemonic
Name
SPR
number
Access
Privileged
e200z3
specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com