Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 98 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 94Page - STMicroelectronics UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics UM0434 Datasheet HTML 97Page - STMicroelectronics UM0434 Datasheet HTML 98Page - STMicroelectronics UM0434 Datasheet HTML 99Page - STMicroelectronics UM0434 Datasheet HTML 100Page - STMicroelectronics UM0434 Datasheet HTML 101Page - STMicroelectronics UM0434 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 390 page
background image
UM0434
Register model
99/391
4.18.3
Special purpose register summary
PowerPC Book E and implementation-specific SPRs for the e200z3 core are listed in
Table 89. All registers are 32 bits. Register bits are numbered from bit 32–63 (most
significant to least significant). Shaded entries represent optional registers. An SPR can be
read or written with the mfspr and mtspr instructions. In the instruction syntax, compilers
should recognize the mnemonic in the table below. For details, see
Chapter 4.4: Processor
control registers on page 43.”
Table 89.
Special purpose registers
Mnemonic
Name
SPR
number
Access
Privileged
e200z3
specific
BUCSR
Branch unit control and status register
1013
R/W
Yes
Yes
CSRR0
Critical save/restore register 0
58
R/W
Yes
No
CSRR1
Critical save/restore register 1
59
R/W
Yes
No
CTR
Count register
9
R/W
No
No
CTXCR
Context control register
560
R/W(1)
Yes
Yes
DAC1
Data address compare 1
316
R/W
Yes
No
DAC2
Data address compare 2
317
R/W
Yes
No
DBCNT
Debug counter register
562
R/W
Yes
Yes
DBCR0
Debug control register 0
308
R/W
Yes
No
DBCR1
Debug control register 1
309
R/W
Yes
No
DBCR2
Debug control register 2
310
R/W
Yes
No
DBCR3
Debug control register 3
561
R/W
Yes
Yes
DBSR
Debug status register
304
Read/Clear(2)
Yes
No
DEAR
Data exception address register
61
R/W
Yes
No
DEC
Decrementer
22
R/W
Yes
No
DECAR
Decrementer auto-reload
54
R/W
Yes
No
DSRR0
Debug save/restore register 0
574
R/W
Yes
Yes
DSRR1
Debug save/restore register 1
575
R/W
Yes
Yes
ESR
Exception syndrome register
62
R/W
Yes
No
HID0
Hardware implementation dependent reg 0
1008
R/W
Yes
Yes
HID1
Hardware implementation dependent reg 1
1009
R/W
Yes
Yes
IAC1
Instruction address compare 1
312
R/W
Yes
No
IAC2
Instruction address compare 2
313
R/W
Yes
No
IAC3
Instruction address compare 3
314
R/W
Yes
No
IAC4
Instruction address compare 4
315
R/W
Yes
No
IVOR0
Interrupt vector offset register 0
400
R/W
Yes
No
IVOR1
Interrupt vector offset register 1
401
R/W
Yes
No
IVOR2
Interrupt vector offset register 2
402
R/W
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com