Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 57 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 53Page - STMicroelectronics UM0434 Datasheet HTML 54Page - STMicroelectronics UM0434 Datasheet HTML 55Page - STMicroelectronics UM0434 Datasheet HTML 56Page - STMicroelectronics UM0434 Datasheet HTML 57Page - STMicroelectronics UM0434 Datasheet HTML 58Page - STMicroelectronics UM0434 Datasheet HTML 59Page - STMicroelectronics UM0434 Datasheet HTML 60Page - STMicroelectronics UM0434 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 390 page
background image
Register model
UM0434
58/391
IVPR fields are defined in
Table 29.
Interrupt vector offset registers (IVORs)
IVORs, shown in
Table 30, hold the quad-word index from the base address provided by the
IVPR for each interrupt type.
The IVOR fields are defined in
Table 31.
SPR numbers corresponding to IVOR16–IVOR31 are reserved. IVOR32–IVOR47 and
IVOR60–IVOR63 are reserved. SPR numbers for IVOR32–IVOR63 are allocated for
implementation-dependent use (IVOR32–IVOR34 (SPR 528–530) are defined by the EIS).
IVOR assignments are shown in
Table 32.
Table 28.
Interrupt vector prefix register (IVPR)
32
47
48
63
Field
Vector Base
—
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 63
Table 29.
IVPR field descriptions
Bits
Name
Description
32–47
Vector
Base
Defines the base location of the vector table, aligned to a 64-Kbyte boundary.
Provides the high-order 16 bits of the location of all interrupt handlers. IVPR ||
IVOR
n values are concatenated to form the address of the handler in memory.
48–63
—
Reserved, should be cleared.
Table 30.
Interrupt vector offset registers (IVOR)
32
47 48
59 60 61
63
Field
—
Vector offset
—
CS
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
(See
Table 24.)
Table 31.
IVOR field descriptions
Bits
Name
Setting description
32–47
—
Reserved, should be cleared.
48–59
Vector
offset
Provides a quad-word index from the base address provided by the IVPR to
locate an interrupt handler.
60
—
Reserved, should be cleared.
61–63
CS
Context selector (e200z3-specific). When multiple hardware contexts are
supported, this field is used to select an operating context for the interrupt
handler. This value is loaded into the CURCTX field of the context control register
(CTXCR) as part of the interrupt vectoring process. When multiple hardware
contexts are not supported, CS is not implemented and is read as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com