Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 51 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 47Page - STMicroelectronics UM0434 Datasheet HTML 48Page - STMicroelectronics UM0434 Datasheet HTML 49Page - STMicroelectronics UM0434 Datasheet HTML 50Page - STMicroelectronics UM0434 Datasheet HTML 51Page - STMicroelectronics UM0434 Datasheet HTML 52Page - STMicroelectronics UM0434 Datasheet HTML 53Page - STMicroelectronics UM0434 Datasheet HTML 54Page - STMicroelectronics UM0434 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 390 page
background image
Register model
UM0434
52/391
LR contents are read into a GPR using mfspr. The contents of a GPR can be written to LR
using mtspr. LR[62–63] are ignored by bclr instructions.
4.7
SPE and SPFP APU registers
The SPE and SPFP include the signal processing and embedded floating-point status and
control register (SPEFSCR). The SPE implements a 64-bit accumulator that is described in
Chapter 4.7.2: Accumulator (ACC) on page 55.”
4.7.1
Signal processing/embedded floating-point status and control
register (SPEFSCR)
SPEFSCR, shown in
Table 21, is used for status and control of SPE and embedded floating
point instructions.
Table 22 describes SPEFSCR fields.
Table 20.
Link register (LR)
32
63
Field
Link address
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 8
Table 21.
Signal processing and embedded floating point status and control
register (SPEFSCR)
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
Field SOVH OVH FGH FXH FINVH FDBZH FUNFH FOVFH
—
FINXS FINVS FDBZS FUNFS FOVFS MODE
Reset
0000_0000_0000_0000
R/W
R/W
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
Field SOV
OV
FG FX FINV FDBZ FUNF FOVF — FINXE FINVE FDBZE FUNFE FOVFE
FRMC
Reset
0000_0000_0000_0000
R/W
R/W
SPR
SPR 512
High-Word Error Bits
Status Bits
Enable Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com