Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 88 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 84Page - STMicroelectronics UM0434 Datasheet HTML 85Page - STMicroelectronics UM0434 Datasheet HTML 86Page - STMicroelectronics UM0434 Datasheet HTML 87Page - STMicroelectronics UM0434 Datasheet HTML 88Page - STMicroelectronics UM0434 Datasheet HTML 89Page - STMicroelectronics UM0434 Datasheet HTML 90Page - STMicroelectronics UM0434 Datasheet HTML 91Page - STMicroelectronics UM0434 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 390 page
background image
UM0434
Register model
89/391
4.16.2
MMU configuration register (MMUCFG)
The MMU configuration register (MMUCFG) is a 32-bit read-only register. The SPR number
for MMUCFG is 1015 in decimal. MMUCFG, which provides information about the
configuration of the e200z3 MMU design, is shown in
Table 67.
The MMUCFG fields are described in
Table 68.
Table 66.
MMUCSR0 field descriptions
Bits
Name
Description
32–61
—
Reserved, should be cleared.
62
TLB1_FI
TLB1 flash invalidate
0 No flash invalidate
1 TLB1 invalidation operation. Hardware initiates a TLB1 invalidation,
after which TLB1_FI is cleared. Setting TLB1_FI while an invalidation
operation is in progress causes an undefined operation. Clearing
TLB1_FI while an invalidation operation is in progress is ignored. TLB1
invalidation operations require 3 cycles to complete.
63
—
Reserved, should be cleared.
Table 67.
MMU configuration register 1 (MMUCFG)
32
48
49
52 53
57 58 59
60
61
62
63
Field
—
NPIDS
PIDSIZE
—
NTLBS
MAVN
Reset
0000_0000_0000_0000_0
000_1
001_11
00
01
00
R/W
Read only
SPR
SPR 1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com