Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 34Page - STMicroelectronics UM0434 Datasheet HTML 35Page - STMicroelectronics UM0434 Datasheet HTML 36Page - STMicroelectronics UM0434 Datasheet HTML 37Page - STMicroelectronics UM0434 Datasheet HTML 38Page - STMicroelectronics UM0434 Datasheet HTML 39Page - STMicroelectronics UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 390 page
background image
UM0434
Register model
39/391
Figure 3.
e200z3 Programmer’s model
6.
The 64-bit registers are accessed by the SPE as separate 32-bit registers by SPE instructions. Only SPE
vector instructions can access the upper word.
7.
USPRG0 is a separate physical register from SPRG0.
8.
EIS specific registers not part of the Book E architecture.
9.
IVOR9 (handles auxiliary processor unavailable interupt) is defined by the EIS but not supported by the
e200z3.
10. e200z3 specific registers may not be supported by other PowerPC processors.
4.1
PowerPC Book E registers
The e200z3 supports most of the registers defined by Book E architecture. Notable
exceptions are the floating-point registers FPR0–FPR31 and the FPSCR. The e200z3 does
not support the Book E floating-point architecture in hardware. The GPRs are extended to
64 bits. The Book E registers in the e200z3 are as follows:
User-Level Registers
General-Purpose Registers
Instruction
on-Accessible Registers
User General SPR (Read/Write)
0
31 32
63
0
31 32
63
32
63
User SPR
general 0
(upper) GPR01 (lower)
General-
purpose
registers
CR
Condition register
spr 256
USPRG02
GPR1
spr 9
CTR
Count register
General SPRs (Read-Only)
GPR2
····
spr 8
LR
Link register
spr 260
SPRG4
SPR general
registers 4–7
GPR31
spr 261
SPRG5
spr 1
XER
Integer exception
register
spr 262
SPRG6
L1 Cache (Read-Only)
spr 512 SPEFSCR3
SP/embedded FP
status/control register
spr 263
SPRG7
L1 cache
configuration
register 0
spr 515
L1CFG03
ACC3
Accumulator
Time-Base Registers (Read-Only)
spr 268
TBL
Time base
lower/upper
spr 269
TBU
Supervisor-Level Registers
Interrupt Registers
Configuration Registers
32
63
32
63
32
63
spr 63
IVPR
Interrupt vector
prefix register
spr 400
IVOR0
Interrupt vector offset
registers 0–154
MSR
Machine state register
spr 401
IVOR1
····
spr 26
SRR0
Save/restore
registers 0/1
spr 1023
SVR3
System version
register
spr 27
SRR1
spr 415
IVOR15
spr 286
PIR
Processor ID register
spr 58
CSRR0
Critical SRR 0/1
Processor version
register
spr 528
IVOR323
Interrupt vector offset
registers 32–34
spr 287
PVR
spr 59
CSRR1
spr 529
IVOR333
spr 574
DSRR03
Debug interrupt
SRR 0/1
spr 530
IVOR343
Timer/Decrementer Registers
spr 575
DSRR13
Exception syndrome
register
spr 22
DEC
Decrementer
spr 62
ESR
MMU Control and Status (Read/Write)
Decrementer
auto-reload register
MMU control and status
register 0
spr 54
DECAR
spr 572
MCSR3
Machine check
syndrome register
spr 1012 MMUCSR03
spr 284
TBL
Time base
lower/upper
spr 61
DEAR
Data exception
address register
spr 624
MAS03
MMU assist registers
0–4 and 6
spr 285
TBU
spr 625
MAS13
Debug Registers
spr 626
MAS23
spr 340
TCR
Timer control register
spr 627
MAS33
spr 308
DBCR0
Debug control
registers 0–3
spr 336
TSR
Timer status register
spr 628
MAS43
spr 309
DBCR1
spr 630
MAS63
Miscellaneous Registers
spr 310
DBCR2
Process ID
register 0
spr 561
DBCR3
spr 48
PID0
spr 1008
HID03
Hardware
implementation
dependent 0–1
spr 1009
HID13
spr 304
DBSR
Debug status register
MMU Control and Status (Read Only)
spr 1013
BUCSR5
Branch control and
status register
spr 562
DBCNT 5
Debug count register
spr 1015 MMUCFG3
MMU configuration
spr 272–279
SPRG0–7
General SPRs 0–7
spr 312
IAC1
Instruction address
compare
registers 1–4
spr 688 TLB0CFG
3
TLB configuration 0/1
spr 313
IAC2
spr 689 TLB1CFG3
Context Control (Read/Write)
spr 314
IAC3
Context control
register
Parallel Signature Unit Registers5
spr 560
CTXCR5
spr 315
IAC4
Data address
compare
registers 1 and 2
dcr 272
PSCR
PS control
spr 316
DAC1
dcr 273
PSSR
PS status
spr 317
DAC2
dcr 274
PSHR
PS high
dcr 275
PSLR
PS low
dcr 276
PSCTR
PS counter
dcr 277
PSUHR
PS update high
dcr 278
PSULR
PS update low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com