Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 24 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 24 Page - NEC

Back Button UPD17217GT Datasheet HTML 20Page - NEC UPD17217GT Datasheet HTML 21Page - NEC UPD17217GT Datasheet HTML 22Page - NEC UPD17217GT Datasheet HTML 23Page - NEC UPD17217GT Datasheet HTML 24Page - NEC UPD17217GT Datasheet HTML 25Page - NEC UPD17217GT Datasheet HTML 26Page - NEC UPD17217GT Datasheet HTML 27Page - NEC UPD17217GT Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
µPD17215, 17216, 17217, 17218
24
3.
PORTS
3.1
Port 0A (P0A0-P0A3)
This is a 4-bit input port. Data is read through port register P0A (address 70H). This port is a CMOS input port with a
pull-up resistor, and can be used for key return input for a key matrix.
When a low-level signal is input to at least one of the pins in this port in the standby mode, the standby mode is released.
3.2
Port 0B (P0B0-P0B3)
This is a 4-bit input port. Data is read through port register P0B (address 71H). This port is a CMOS input port with a
pull-up resistor, and can be used for key return input for a key matrix.
When a low-level signal is input to at least one of the pins in this port in the standby mode, the standby mode is released.
3.3
Port 0C (P0C0-P0C3)
This is a 4-bit output port. The contents of the output latch are read and output data is set through port register P0C
(address 72H). This port is an N-ch open-drain output port, and can be used as the key source of a key matrix.
In the standby mode, this port outputs low-level signals.
3.4
Port 0D (P0D0-P0D3)
This is a 4-bit output port. The contents of the output latch are read and output data is set through port register P0D
(address 73H). This port is an N-ch open-drain output port, and can be used as the key source for a key matrix.
In the standby mode, this port outputs low-level signals.
3.5
Port 0E (P0E0-P0E3)
This is a 4-bit I/O port which can be set in either the input or output mode in 1-bit units by the P0EBIO (address 27H)
of the register file.
To read the input data or to set the output data, use the P0E register (address 6F). When data is read in the output mode,
the contents of the output latch are read.
Connection of a pull-up resistor can be specified in 1-bit units by the P0EBPU (address 17H) of the register file. (When
the pull-up resistor is connected, note that the pull-up resistor is not disconnected even when the output mode is set.)
On reset, this port functions as an input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com