Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 74 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 74 Page - NEC

Back Button UPD17217GT Datasheet HTML 70Page - NEC UPD17217GT Datasheet HTML 71Page - NEC UPD17217GT Datasheet HTML 72Page - NEC UPD17217GT Datasheet HTML 73Page - NEC UPD17217GT Datasheet HTML 74Page - NEC UPD17217GT Datasheet HTML 75Page - NEC UPD17217GT Datasheet HTML 76Page - NEC UPD17217GT Datasheet HTML 77Page - NEC UPD17217GT Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
µPD17215, 17216, 17217, 17218
74
16. PACKAGE DRAWINGS
28 PIN PLASTIC SHRINK DIP (400 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
F
G
H
I
J
K
28.46 MAX.
1.778 (T.P.)
3.2±0.3
0.51 MIN.
4.31 MAX.
2.67 MAX.
L
0.17
10.16 (T.P.)
5.08 MAX.
8.6
N
0.85 MIN.
1.121 MAX.
0.106 MAX.
0.033 MIN.
0.126±0.012
0.020 MIN.
0.170 MAX.
0.200 MAX.
0.400 (T.P.)
0.339
0.007
0.070 (T.P.)
S28C-70-400B-1
A
B
D
0.50±0.10
0.020
M
0.25
0.010
+0.10
–0.05
R
0~15°
0~15°
+0.004
–0.005
+0.004
–0.003
NOTES
Each lead centerline is located within 0.17 mm (0.007 inch)
of its true position (T.P.) at maximum material condition.
Item "K" to center of leads when formed parallel.
1)
2)
28
15
114
M
C
N
F
D
M
R
K
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com