Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 63 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 63 Page - NEC

Back Button UPD17217GT Datasheet HTML 59Page - NEC UPD17217GT Datasheet HTML 60Page - NEC UPD17217GT Datasheet HTML 61Page - NEC UPD17217GT Datasheet HTML 62Page - NEC UPD17217GT Datasheet HTML 63Page - NEC UPD17217GT Datasheet HTML 64Page - NEC UPD17217GT Datasheet HTML 65Page - NEC UPD17217GT Datasheet HTML 66Page - NEC UPD17217GT Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
µPD17215, 17216, 17217, 17218
63
REM pin
Total of P0E pins
1 pin (P0E pin)
High-Level Output
Current*
Low-Level Output
Current*
1 pin (P0C, P0D, P0E,
REM or WDOUT pin)
13. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Item
Symbol
Conditions
Ratings
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VI
–0.3 to VDD+0.3
V
Output Voltage
VO
–0.3 to VDD+0.3
V
Peak value
–36.0
mA
Effective value
–24.0
mA
IOH
Peak value
–7.5
mA
Effective value
–5.0
mA
Peak value
–22.5
mA
Effective value
–15.0
mA
Peak value
7.5
mA
Effective value
5.0
mA
Peak value
22.5
mA
Effective value
15.0
mA
IOL
Peak value
30.0
mA
Effective value
20.0
mA
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–65 to +150
°C
Power Dissipation
Pd
TA = 85
°C
180
mW
*: Calculate effective value by this expression:
[Effetive value] = [Peak value]
× √ Duty
Caution:
Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality
of the product may be degraded. The absolute maximum rating therefore specifies the upper or
lower limit of the value at which the product can be used without physical damages. Be sure not
to exceed or fall below this value when using the product.
Total of P0C, P0D,
WDOUT pins
Total of P0E pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com