Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 44 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 44 Page - NEC

Back Button UPD17217GT Datasheet HTML 40Page - NEC UPD17217GT Datasheet HTML 41Page - NEC UPD17217GT Datasheet HTML 42Page - NEC UPD17217GT Datasheet HTML 43Page - NEC UPD17217GT Datasheet HTML 44Page - NEC UPD17217GT Datasheet HTML 45Page - NEC UPD17217GT Datasheet HTML 46Page - NEC UPD17217GT Datasheet HTML 47Page - NEC UPD17217GT Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
µPD17215, 17216, 17217, 17218
44
7.3
Interrupt Sequence
If IRQxxx flag is set to “1” when IPxxx flag is “1”, interrupt processing is started after the instruction cycle of the instruction
executed when IRQxxx flag was set has ended. Since the MOVT instruction, EI instruction, and the instruction which
matches the condition to skip use two instruction cycles, the interrupt enabled while this instruction is executed is processed
after the second instruction cycle is over.
If IPxxx flag is “0”, the interrupt processing is not performed even if IRQxxx flag is set, until IPxx flag is set.
If two or more interrupts are enabled simultaneously, the interrupts are processed starting from the one with the highest
priority. The interrupt with the lower priority is kept pending until the processing of the interrupt with the higher priority is
finished.
7.3.1
Operations when interrupt is accepted
When an interrupt has been accepted, the CPU performs processing in the following sequence:
Clears IRQ
corresponding to
INTE flag and accepted interrupt
×××
Decrements value of stack pointer by 1
(SP-1)
Saves contents of program counter to
stack addressed by stack pointer
Loads vector address to program counter
Save contents of PSWORD to interrupt stack register
One instruction cycle is required to perform the above processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com