Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 69 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 69 Page - NEC

Back Button UPD17217GT Datasheet HTML 65Page - NEC UPD17217GT Datasheet HTML 66Page - NEC UPD17217GT Datasheet HTML 67Page - NEC UPD17217GT Datasheet HTML 68Page - NEC UPD17217GT Datasheet HTML 69Page - NEC UPD17217GT Datasheet HTML 70Page - NEC UPD17217GT Datasheet HTML 71Page - NEC UPD17217GT Datasheet HTML 72Page - NEC UPD17217GT Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
µPD17215, 17216, 17217, 17218
69
AC Characteristics (VDD = 2.0 to 5.5 V, TA = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
tCY1
VDD = 3.5 to 5.5 V
1.99
32.2
µs
CPU Clock Cycle Time*
(Instruction Execution Time)
tCY2
VDD = 2.2 to 5.5 V
3.98
32.2
µs
tCY3
7.96
32.2
µs
INT High/Low Level Width
tIOH, tIOL
VDD = 4.5 to 5.5 V
10
µs
50
µs
RESET Low Level Width
tRSL
VDD = 4.5 to 5.5 V
10
µs
50
µs
*: The CPU clock cycle time (instruction
execution time) is determined by the
oscillation frequency of the oscillator
connected and SYSCK (RF: address 02H)
of the register file.
The figure on the right shows the CPU
clock cycle time tCY vs. supply voltage
VDD characteristics (refer to 4. CLOCK
GENERATOR CIRCUIT).
40
32
10
9
8
7
6
5
4
3
2
0123456
t
vs VDD
CY
Supply voltage V
[V]
DD
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com