Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 25 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 25 Page - NEC

Back Button UPD17217GT Datasheet HTML 21Page - NEC UPD17217GT Datasheet HTML 22Page - NEC UPD17217GT Datasheet HTML 23Page - NEC UPD17217GT Datasheet HTML 24Page - NEC UPD17217GT Datasheet HTML 25Page - NEC UPD17217GT Datasheet HTML 26Page - NEC UPD17217GT Datasheet HTML 27Page - NEC UPD17217GT Datasheet HTML 28Page - NEC UPD17217GT Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
µPD17215, 17216, 17217, 17218
25
3.6
INT Pin
This pin inputs an external interrupt request signal. At either the rising or falling edge of the signal input to this pin, the
IRQ flag (RF: address 3EH, bit 0) is set.
The status of this pin can be read by using the INT flag (RF: address 0FH, bit 0). When the high level is input to the pin,
the INT flag is set to “1”; when the low level is input, the flag is reset to “0” (refer to 7.2.1 INT).
Fig. 3-1
Relations between Port Register and Each Pin
Bank Address
Bit
Port
Output Form
70H
Port 0A
Input only
0
71H
Port 0B
72H
Port 0C
N-ch
open-drain
(Output only)
73H
Port 0D
b 3
b 2
b 1
b 0
P0A 3
P0A 2
P0A 1
P0A 0
b 3
b 2
b 1
b 0
P0B 3
P0B 2
P0B 1
P0B 0
b 3
b 2
b 1
b 0
P0C 3
P0C 2
P0C 1
P0C 0
b 3
b 2
b 1
b 0
P0D 3
P0D 2
P0D 1
P0D 0
6FH
Port 0E
COMS
push-pull
b 3
b 2
b 1
b 0
P0E 3
P0E 2
P0E 1
P0E 0
Contents to Be Read
Input Mode
Output Mode
Pin status
Pin status
Output
latch
On Reset
Input mode
(w/pull-up resistor)
Output mode
(Low level output)
Input mode
(w/pull-up resistor)
Contents to Be Written
Input Mode
Output Mode
Output
latch
Output
latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com