Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 80 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 80 Page - NEC

Back Button UPD17217GT Datasheet HTML 76Page - NEC UPD17217GT Datasheet HTML 77Page - NEC UPD17217GT Datasheet HTML 78Page - NEC UPD17217GT Datasheet HTML 79Page - NEC UPD17217GT Datasheet HTML 80Page - NEC UPD17217GT Datasheet HTML 81Page - NEC UPD17217GT Datasheet HTML 82Page - NEC UPD17217GT Datasheet HTML 83Page - NEC UPD17217GT Datasheet HTML 84Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
µPD17215, 17216, 17217, 17218
80
Software
Outline
AS17K is an assembler
common to the 17K series
products. When developing the
program of the
µPD17215
subseries, AS17K is used in
combination with a device file
(AS17215, AS17216, AS17217,
or AS17218).
AS17215, AS17216, AS17217,
and AS17218 are device files
for
µPD17215, 17216, 17217,
and 17218 respectirely, and are
used in combination with an
assembler for the 17K series
(AS17K).
SIMPLEHOST is a software
package that enables man-
machine interface on the
Windows
TM when a program is
developed by using an in-circuit
emulator and a personal
computer.
Order Code
µS5A10AS17K
µS5A13AS17K
µS7B10AS17K
µS7B13AS17K
µS5A10AS17215 *
µS5A10AS17215 *
µS5A10AS17215 *
µS5A10AS17215 *
µS5A10IE17K
µS5A13IE17K
µS7B10IE17K
µS7B13IE17K
Supply
5" 2HD
3.5" 2HD
5" 2HC
3.5" 2HC
5" 2HD
3.5" 2HD
5" 2HC
3.5" 2HC
5" 2HD
3.5" 2HD
5" 2HC
3.5" 2HC
OS Media
MS-DOS
TM
PC DOS
TM
MS-DOS
PC DOS
MS-DOS
Windows
PC DOS
Host Machine
PC-9800
series
IBM PC/AT
PC-9800
series
IBM PC/AT
PC-9800
series
IBM PC/AT
Name
17K Series
Assembler
(AS17K)
Device File
AS17215
AS17216
AS17217
AS17218
Support
Software
(
SIMPLE-
HOST)
*:
µS××××AS17215 includes AS17215, AS17216, AS17217, and AS17218.
Remark:
The corresponding OS versions are as follows:
*: Ver. 5.00/5.00A of MS-DOS and Ver. 5.0 of PC DOS have a task
swap function, but this function cannot be used with this software.
OS
Version
MS-DOS
Ver. 3.30 to Ver. 5.00A *
PC DOS
Ver. 3.1 to Ver. 5.0 *
Windows
Ver. 3.0 to Ver. 3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com