Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 51 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 51 Page - NEC

Back Button UPD17217GT Datasheet HTML 47Page - NEC UPD17217GT Datasheet HTML 48Page - NEC UPD17217GT Datasheet HTML 49Page - NEC UPD17217GT Datasheet HTML 50Page - NEC UPD17217GT Datasheet HTML 51Page - NEC UPD17217GT Datasheet HTML 52Page - NEC UPD17217GT Datasheet HTML 53Page - NEC UPD17217GT Datasheet HTML 54Page - NEC UPD17217GT Datasheet HTML 55Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
µPD17215, 17216, 17217, 17218
51
9.3
Reset by Stack Pointer (Connect RESET and WDOUT pins)
When the value of the stack pointer reaches 6H or 7H during program execution, a low level is output to the WDOUT
pin, and the program counter is reset to 0.
If the nesting level of the interrupt or subroutine call exceeds 5 (stack over flow), or if the return instruction is executed
without correspondence between CALL and return (RET) instructions established, then regardless of a stack level of 0 (stack
underflow), the program can be restarted from address 0H.
Table 9-1 Status of Each Hardware After Reset
Hardware
RESET Input During
RESET Input
Standby Mode
During Operation
Program Counter (PC)
0000H
0000H
Port
Input/output
Input
Input
Output latch
0
0
Data Memory (RAM)
General-purpose data memory
Retains previous
Undefined
(Except DBF, port register)
status
DBF
0320H
0320H
System register (SYSREG)
0
0
WR
Retains previous
Undefined
status
Control Register
Refer to Fig. 11-1 Register Files
8-bit Timer
Counter (TMC)
00H
00H
Modulo register (TMM)
FFH
FFH
Remote Controller Carrier
NRZ high level period setting modulo register
Retains previous
Undefined
Generator
(NRZHTMM)
status
NRZ low level period setting modulo register
(NRZLTMM)
Basic Interval Timer/Watchdog Timer Counter
00H
00H
10. LOW-VOLTAGE DETECTOR CIRCUIT (CONNECT RESET AND WDOUT PINS)
The low-voltage detector circuit outputs a low level from the WDOUT pin for initialization (reset) to prevent program hang-
up that may take place when the batteries are replaced, if the circuit detects a low voltage.
A drop in the supply voltage is detected if the status of TA = -10 to +85
°C, VDD = 0.8 to 2.2 V lasts for 1 ms or longer.
Note, however, that 1 ms is the guaranteed value and that the microcontroller may be reset even if the above low-voltage
condition lasts for less than 1 ms.
Although the voltage at which the the reset function is effected ranges from 0.8 to 2.2 V, the program counter is prevented
from hang-up even if the supply voltage drops until the reset function is effected, if the instruction execution time is from 8
to 32
µs. Note that some oscillators stop oscillating before the reset function is effected.
The low-voltage detector circuit can be set arbitrarily by the mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com