Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 36 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 36 Page - NEC

Back Button UPD17217GT Datasheet HTML 32Page - NEC UPD17217GT Datasheet HTML 33Page - NEC UPD17217GT Datasheet HTML 34Page - NEC UPD17217GT Datasheet HTML 35Page - NEC UPD17217GT Datasheet HTML 36Page - NEC UPD17217GT Datasheet HTML 37Page - NEC UPD17217GT Datasheet HTML 38Page - NEC UPD17217GT Datasheet HTML 39Page - NEC UPD17217GT Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
µPD17215, 17216, 17217, 17218
36
6.
BASIC INTERVAL TIMER/WATCHDOG TIMER
The basic interval timer has a function to generate the interval timer interrupt signal and watchdog timer reset signal.
6.1
Source Clock for Basic Interval Timer
The system clock (fx) is divided, to generate the source clock for the basic interval timer. The input clock frequency for
the basic interval timer is fx/2
7. When the CPU is set in the STOP mode, the basic interval timer also stops.
6.2
Controlling Basic Interval Timer
The basic interval timer is controlled by the bits on the register file. That is, the basic interval timer is reset by BTMRES.
The frequency for the interrupt signal, output by the basic interval timer, is selected by BTMMD, and the watchdog timer is
reset by WDTRES.
Fig. 6-1
Basic Interval Timer Configuration
System
clock f X
1/2
divider
7
1/2
divider
11
1/2
divider
1/2
divider
1/2
divider
BTMRES
WDTRES
BTMCK
IRQBTM
WDOUT
f /2
18
X
f /2
20
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com