Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 28 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 28 Page - NEC

Back Button UPD17217GT Datasheet HTML 24Page - NEC UPD17217GT Datasheet HTML 25Page - NEC UPD17217GT Datasheet HTML 26Page - NEC UPD17217GT Datasheet HTML 27Page - NEC UPD17217GT Datasheet HTML 28Page - NEC UPD17217GT Datasheet HTML 29Page - NEC UPD17217GT Datasheet HTML 30Page - NEC UPD17217GT Datasheet HTML 31Page - NEC UPD17217GT Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
µPD17215, 17216, 17217, 17218
28
4.
CLOCK GENERATOR CIRCUIT
4.1
Instruction Execution Time (CPU Clock) Selection
The
µPD17215 is equipped with a clock oscillator circuit that supplies clocks to the CPU and hardware peri-pherals.
Instruction execution time can be changed in two steps (ordinary mode and high-speed mode) without changing the
oscillation frequency.
To change the instruction execution time, change the mode of SYSCK (RF: address 02H) of the register file by using
the POKE instruction.
Note, that the mode is actually only changed when the instruction next to the POKE instruction has been executed.
When using the high-speed mode, pay attention to the supply voltage. (Refer to 13. ELECTRICAL SPECIFICATIONS.)
At reset, the ordinary mode is set.
32
10
0
0
0
SYSCK
Address:
RF : 02H
SYSCK
On reset:
0H
R/W:
R/W
0
1
Selects Instruction Execution Time
Ordinary mode 32/f (8 s)
µ
High-speed mode 16/f (4 s)
µ
X
X
Figures in ( ): indicate figures when system clock f = 4 MHz.
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com