Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 41 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 41 Page - NEC

Back Button UPD17217GT Datasheet HTML 37Page - NEC UPD17217GT Datasheet HTML 38Page - NEC UPD17217GT Datasheet HTML 39Page - NEC UPD17217GT Datasheet HTML 40Page - NEC UPD17217GT Datasheet HTML 41Page - NEC UPD17217GT Datasheet HTML 42Page - NEC UPD17217GT Datasheet HTML 43Page - NEC UPD17217GT Datasheet HTML 44Page - NEC UPD17217GT Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
µPD17215, 17216, 17217, 17218
41
7.2.1
INT
This flag reads the INT pin status.
When a high level is input to the INT pin, this flag is set to “1”; when a low level is input, the flag is reset to “0”.
32
10
0
0
0
INT
Address
RF : 0FH
INT
On reset
Undefined
R/W
R
0
1
INT Pin Level Detection
INT pin : Low level
INT pin : High level
7.2.2
IEG
This pin selects the interrupt edge to be detected on the INT pin.
When this flag is “0”, the interrupt is detected at the rising edge; when it is “1”, the interrupt is detected at the falling edge.
32
10
0
0
0
IEG
Address
RF : 1FH
IEG
On reset
0H
R/W
R/W
0
1
INT Pin Interrupt Detection Edge Selection
Rising edge of INT pin
Falling edge of INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com