Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 67 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 67 Page - NEC

Back Button UPD17217GT Datasheet HTML 63Page - NEC UPD17217GT Datasheet HTML 64Page - NEC UPD17217GT Datasheet HTML 65Page - NEC UPD17217GT Datasheet HTML 66Page - NEC UPD17217GT Datasheet HTML 67Page - NEC UPD17217GT Datasheet HTML 68Page - NEC UPD17217GT Datasheet HTML 69Page - NEC UPD17217GT Datasheet HTML 70Page - NEC UPD17217GT Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
µPD17215, 17216, 17217, 17218
67
DC Characteristics (VDD = 2.0 to 5.5 V, TA = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
RESET, INT pin
0.8VDD
VDD
V
VIH2
P0A, P0B
0.7VDD
VDD
V
High-Level Input Voltage
VIH3
P0E
2.0 V
≤ VDD < 3.0 V
VDD–0.3
VDD
V
VIH4
P0E
3.0 V
≤ VDD ≤ 5.5 V
VDD–0.5
VDD
V
VIH5
XIN
0.8VDD
VDD
V
VIL1
RESET, INT pin
0
0.2VDD
V
VIL2
P0A, P0B
0
0.3VDD
V
Low-Level Input Voltage
VIL3
P0E
0
0.35VDD
V
VIL4
XIN
0
0.2VDD
V
High-Level Input Leakage
ILIH
INT, RESET,
VIH = VDD
3.0
µA
Current
P0A, P0B, P0E
ILIL1
INT
VIL = 0 V
–3.0
µA
Low-Level Input Leakage
Current
ILIL2
P0E
VIL = 0 V w/o
–3.0
µA
pull-up resistor
High-Level Output Leakage
ILOH
P0C, P0D, P0E,
VOH = VDD
3.0
µA
Current
WDOUT
ILOL1
WDOUT
VOL = 0 V
–3.0
µA
Low-Level Output Leakage
Current
ILOL2
P0E
VOL = 0 V w/o
–3.0
µA
pull-up resistor
High-Level Input Current
IIH
XIN
VIH = VDD
20
µA
Low-Level Input Current
IIL
XIN
VIL = 0 V
–20
µA
RESET, P0E
VDD = 3 V
± 10%
25
50
100
k
Ω
RU1
RESET, P0E
VDD = 5 V
± 10%
25
50
100
k
Ω
Internal Pull-Up Resistor
P0A, P0B
VDD = 3 V
± 10%
100
200
400
k
Ω
RU2
P0A, P0B
VDD = 5 V
± 10%
100
200
400
k
Ω
High-Level Output Current
IOH
REM
VOH = 1.0 V, VDD = 3 V
–6.0
–13.0
mA
High-Level Output Voltage
VOH
P0E, REM
IOH = –0.5 V mA
VDD–0.3
V
VOL1
P0C, P0D, REM,
IOL = 0.5 mA
0.3
V
WDOUT
VOL2
P0E
IOL = 1.5 mA
0.3
V
Low-Voltage Detector Circuit
VDT1
0.8
1.6
2.4
V
(Mask Option)
VDT2
TA = –10 to +85
°C
0.8
1.6
2.2
V
Data Retension Voltage
VDDR
STOP mode
1.3
V
Low-Level Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com