Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 68 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 68 Page - NEC

Back Button UPD17217GT Datasheet HTML 64Page - NEC UPD17217GT Datasheet HTML 65Page - NEC UPD17217GT Datasheet HTML 66Page - NEC UPD17217GT Datasheet HTML 67Page - NEC UPD17217GT Datasheet HTML 68Page - NEC UPD17217GT Datasheet HTML 69Page - NEC UPD17217GT Datasheet HTML 70Page - NEC UPD17217GT Datasheet HTML 71Page - NEC UPD17217GT Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
µPD17215, 17216, 17217, 17218
68
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
IDD1
Operating mode
fx = 8 MHz
2
4
mA
(high-speed mode)
VDD = 5 V
± 10%
IDD2
HALT mode
fx = 8 MHz
0.9
2.4
mA
Operating mode
VDD = 5 V
± 10%
1.3
3.0
mA
(high-speed mode)
VDD = 3 V
± 10%
0.5
1.0
mA
IDD3
fx = 4 MHz
VDD = 5 V
± 10%
1.0
2.0
mA
Operating mode
(ordinary mode)
VDD = 3 V
± 10%
0.4
0.8
mA
VDD = 2 to 2.2 V
0.2
0.4
mA
VDD = 5 V
± 10%
0.8
1.8
mA
IDD4
HALT mode
fx = 4 MHz
VDD = 3 V
± 10%
0.3
0.6
mA
VDD = 2 to 2.2 V
0.15
0.3
mA
Operating mode
VDD = 3 V
± 10%
0.25
0.5
mA
Supply Current
IDD5
(high-speed mode)
fx = 1 MHz
VDD = 2 to 2.2 V
0.15
0.3
mA
VDD = 3 V
± 10%
0.2
0.4
mA
IDD6
HALT mode
fx = 1 MHz
VDD = 2 to 2.2 V
0.1
0.2
mA
VDD = 5 V
± 10%
1
30
µA
STOP mode
IDD7
(TA = –40 to +85
°C)
VDD = 3 V
± 10%
1
20
µA
VDD = 2 to 2.2 V
1
16
µA
VDD = 5 V
± 10%
1
20
µA
STOP mode
IDD8
(TA = –20 to +70
°C)
VDD = 3 V
± 10%
1
10
µA
VDD = 2 to 2.2 V
1
8
µA
VDD = 5 V
± 10%
1
5
µA
STOP mode
IDD9
(TA = 25
°C)
VDD = 3 V
± 10%
1
5
µA
VDD = 2 to 2.2 V
1
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com