Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 52 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 52 Page - NEC

Back Button UPD17217GT Datasheet HTML 48Page - NEC UPD17217GT Datasheet HTML 49Page - NEC UPD17217GT Datasheet HTML 50Page - NEC UPD17217GT Datasheet HTML 51Page - NEC UPD17217GT Datasheet HTML 52Page - NEC UPD17217GT Datasheet HTML 53Page - NEC UPD17217GT Datasheet HTML 54Page - NEC UPD17217GT Datasheet HTML 55Page - NEC UPD17217GT Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
µPD17215, 17216, 17217, 17218
52
Caution: Connect a diode and a capacitor to the RESET pin as shown below to stabilize the operation.
V
RESET
DD
WDOUT
Micro-
computer
Remark:
In this figure, the RESET pin is connected to a pull-up resistor by the mask option.
11. ASSEMBLER RESERVED WORDS
11.1
Mask Option Directives
When developing the
µ PD17215 program, mask options must be specified by using mask option directives in the
program.
The RESET pin for
µPD17215 requires a mask option to be specified.
11.1.1
OPTION and ENDOP directives
That portion of the program enclosed by the OPTION and ENDOP directives is called a mask option definition block.
This block is described in the following format:
Description:
Symbol
Mnemonic
Operand
Comment
[Label: ]
OPTION
[;Comment]
:
:
:
ENDOP
11.1.2
Mask option definition directives
Table 19-1 lists the directives that can be used in the mask option definition block.
Here is an example of mask option definition:
Description format:
Symbol field
Mnemonic field
Operand field
Comment field
OPTION
OPTRES
PULLUP
; RESET pin has pull-up resistors.
OPTPOC
USEPOC
; Internal low-voltage detector circuit
ENDOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com