Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 64 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 64 Page - NEC

Back Button UPD17217GT Datasheet HTML 60Page - NEC UPD17217GT Datasheet HTML 61Page - NEC UPD17217GT Datasheet HTML 62Page - NEC UPD17217GT Datasheet HTML 63Page - NEC UPD17217GT Datasheet HTML 64Page - NEC UPD17217GT Datasheet HTML 65Page - NEC UPD17217GT Datasheet HTML 66Page - NEC UPD17217GT Datasheet HTML 67Page - NEC UPD17217GT Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
µPD17215, 17216, 17217, 17218
64
Recommended Operating Ranges (VDD = 2.0 to 5.5 V, TA = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD1
fx = 1 MHz
High-speed mode
(Instruction execution time: 16
µs)
2.0
3.0
5.5
VDD2
Ordinary mode
(Instruction execution time: 8
µs)
Supply Voltage
fx = 4 MHz
V
VDD3
High-speed mode
2.2
3.0
5.5
(Instruction execution time: 4
µs)
VDD4
fx = 8 MHz
High-speed mode
3.5
5.0
5.5
(Instruction execution time: 2
µs)
Oscillation Frequency
fx
1.0
4.0
8.0
MHz
Operating Temperature
Ta
–40
+25
+85
°C
Low-Voltage Detector Circuit*
TCY
Ta = –10 to +85
°C8
32
µS
(Mask Option)
*: Reset if the status of VDD = 0.8 to 2.2 V lasts for 1 ms or longer. Program hang-up does not occur even if the
voltage drops, until the reset function is effected (when the RESET pin and WDOUT pin are connected). Some
oscillators stop oscillating before the reset function is effected.
Remark:
The region indicated by the broken line in the above figure is the guaranteed operating range in the
high-speed mode.
f vs V
XDD
10
9
8
7
6
5
4
3
2
1
0.4
0
2 2.2
3
4
3.5
5
5.5
6
(V)
(MHz)
Supply voltage: V DD
Operation guaranteed area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com