Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 9 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 9 Page - NEC

Back Button UPD17217GT Datasheet HTML 5Page - NEC UPD17217GT Datasheet HTML 6Page - NEC UPD17217GT Datasheet HTML 7Page - NEC UPD17217GT Datasheet HTML 8Page - NEC UPD17217GT Datasheet HTML 9Page - NEC UPD17217GT Datasheet HTML 10Page - NEC UPD17217GT Datasheet HTML 11Page - NEC UPD17217GT Datasheet HTML 12Page - NEC UPD17217GT Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
µPD17215, 17216, 17217, 17218
9
1.3
Processing of Unused Pins
Process the unused pins as follows:
Table 1-1 Processing of Unused Pins
Pin
Recommended Connection
P0A0-P0A3
Connect to VDD
P0B0-P0B3
Connect to VDD
P0C0-P0C3
Connect to GND
P0D0-P0D3
Connect to GND
P0E0-P0E3
Input
: Connect to VDD or GND
Output : Open
REM
Open
INT
Connect to GND
WDOUT
Connect to GND
1.4
Notes on Using INT and RESET Pins
In addition to the functions shown in 1.1 PIN FUNCTIONS, the INT and RESET pins also have a function to set a test
mode (for IC testing) in which the internal operations of the
µPD17215 are tested.
When a voltage higher than VDD is applied to either of these pins, the test mode is set. This means that, even during
ordinary operation, the
µPD17215 may be set in the test mode if a noise exceeding VDD is applied.
For example, if the wiring length of the INT or RESET pin is too long, noise superimposed on the wiring line of the pin
main cause the above problem.
Therefore, keep the wiring length of these pins as short as possible to suppress the noise; otherwise, take noise
preventive measures as shown below by using external components.
• Connect diode with low VF between VDD
and INT/RESET pin
V DD
V DD
V DD
V DD
INT, RESET
INT, RESET
Diode with
low V F
If the test mode is set by the INT pin, low level is output from the WDOUT pin. In this case, connect the WDOUT and
RESET pin.
• Connect capacitor between VDD and
INT/RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com