Electronic Components Datasheet Search
  English  ▼

X  

UPD17217GT Datasheet(PDF) 29 Page - NEC

Part # UPD17217GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217GT Datasheet(HTML) 29 Page - NEC

Back Button UPD17217GT Datasheet HTML 25Page - NEC UPD17217GT Datasheet HTML 26Page - NEC UPD17217GT Datasheet HTML 27Page - NEC UPD17217GT Datasheet HTML 28Page - NEC UPD17217GT Datasheet HTML 29Page - NEC UPD17217GT Datasheet HTML 30Page - NEC UPD17217GT Datasheet HTML 31Page - NEC UPD17217GT Datasheet HTML 32Page - NEC UPD17217GT Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
µPD17215, 17216, 17217, 17218
29
5.
8-BIT TIMER AND REMOTE CONTROLLER CARRIER GENERATOR CIRCUIT
The
µPD17215 is equipped with the 8-bit timer which is mainly used to generate the leader pulse of the remote controller
signal, and to output codes.
5.1
Configuration of 8-bit Timer (with modulo function)
Figure 5-1 shows the configuration of the 8-bit timer.
As shown in this figure, the 8-bit timer consists of an 8-bit counter (TMC), an 8-bit modulo register (TMM), a comparator
that compares the value of the timer with the value of the modulo register, and a selector that selects the operation clock
of the 8-bit timer.
To start/stop the 8-bit timer, and to reset the 8-bit counter, TMEN (address 33H, bit 3) and TMRES (address 33H, bit 2)
of the register file are used. To select the operation clock of the 8-bit timer, use TMCK1 (address 33H, bit 1) and TMCK0
(address 33H, bit 0) of the register file.
The value of the 8-bit counter is read by using the GET instruction through DBF (data buffer). No value can be set to
the 8-bit counter. A value is set to the modulo register by using the PUT instruction through DBF. The value of the modulo
register cannot be read.
When the value of the counter coincides with that of the modulo register, an interrupt flag (IRQTM: address 3FH, bit 0)
of the register file is set.
76543210
TMC
TMM
Address
On reset
R/W
Peripheral register: 05H
00H
R
Address
On reset
R/W
Peripheral register: 06H
FFH
W
8-bit counter
76543210
8-bit modulo register
Caution:
Do note clear TMM to 0 (IRQTM is not set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com