Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 1 Page - ON Semiconductor

  LC87FBG08A Datasheet HTML 1Page - ON Semiconductor LC87FBG08A Datasheet HTML 2Page - ON Semiconductor LC87FBG08A Datasheet HTML 3Page - ON Semiconductor LC87FBG08A Datasheet HTML 4Page - ON Semiconductor LC87FBG08A Datasheet HTML 5Page - ON Semiconductor LC87FBG08A Datasheet HTML 6Page - ON Semiconductor LC87FBG08A Datasheet HTML 7Page - ON Semiconductor LC87FBG08A Datasheet HTML 8Page - ON Semiconductor LC87FBG08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
70412HKIM 20120618-S00002 No.A2046-1/30
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.1.01
LC87FBG08A
Overview
The LC87FBG08A is an 8-bit microcontroller that, integrates on a single chip a number of hardware features such as
8K-byte flash ROM, 256-byte RAM, an On-chip-debugger, 16-bit timers/counters, a 16-bit timer/counter, two 8-bit
timers, a base timer serving as a time-of-day clock, a synchronous SIO interface, an asynchronous/synchronous SIO
interface, a UART interface, two 12-bit PWM channels, a 9-channel AD converter, a system clock frequency divider,
an internal high-accuracy oscillator, a reference voltage generator circuit, an internal reset and an interrupt feature.
Features
Flash ROM
• 8192 × 8 bits
• Capable of On-board programming
with wide range (2.2 to 5.5V) of voltage source.
• Block-erasable in 128 byte units
• Writable in 2-byte units
RAM
• 256 × 9 bits
Package Form
• SSOP24 (225mil) : Lead-/Halogen-free type
• SSOP24 (275mil) : Lead-/Halogen-free type
(build-to-order)
• VCT24 (3×3) : Lead-/Halogen-free type
Ordering number : ENA2046B
Package Dimensions
unit : mm (typ)
3287
SANYO : SSOP24(225mil)
6.5
0.5
(0.5)
24
13
1
12
0.22
0.15
Ordering number : ENA2046B
CMOS IC
8K-byte FROM and 256-byte RAM integrated
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - LC87FBG08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
286Kb / 31P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87FBH08A ONSEMI-LC87FBH08A Datasheet
469Kb / 32P
8-bit Microcontroller
June 2016 - Rev. 1
LC87FBH08AU-EB-3H ONSEMI-LC87FBH08AU-EB-3H Datasheet
469Kb / 32P
8-bit Microcontroller
June 2016 - Rev. 1
LC87FBH08AU-EB-NH ONSEMI-LC87FBH08AU-EB-NH Datasheet
469Kb / 32P
8-bit Microcontroller
June 2016 - Rev. 1
LC87FBH08A ONSEMI-LC87FBH08A_16 Datasheet
469Kb / 32P
8-bit Microcontroller
June 2016 - Rev. 1
More results

Similar Description - LC87FBG08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
8-bit 1-chip Microcontroller
LC87BK08A SANYO-LC87BK08A Datasheet
179Kb / 27P
8-bit 1-chip Microcontroller
LC877C64C SANYO-LC877C64C Datasheet
277Kb / 21P
8-bit 1-chip Microcontroller
LC8740C8A SANYO-LC8740C8A Datasheet
152Kb / 25P
8-bit 1-chip Microcontroller
LC877816A SANYO-LC877816A_08 Datasheet
149Kb / 21P
8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com