Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 26 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 26 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor LC87FBG08A Datasheet HTML 25Page - ON Semiconductor LC87FBG08A Datasheet HTML 26Page - ON Semiconductor LC87FBG08A Datasheet HTML 27Page - ON Semiconductor LC87FBG08A Datasheet HTML 28Page - ON Semiconductor LC87FBG08A Datasheet HTML 29Page - ON Semiconductor LC87FBG08A Datasheet HTML 30Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LC87FBG08A
No.A2046-26/30
Characteristics of a Sample Subsystem Clock Oscillator Circuit
Given below are the characteristics of a sample subsystem clock oscillation circuit that are measured using a Our
designated oscillation characteristics evaluation board and external components with circuit constant values with which
the oscillator vendor confirmed normal and stable oscillation.
Table 2 Characteristics of a Sample Subsystem Clock Oscillator Circuit with a Crystal Oscillator
EPSON TOYOCOM
Nominal
Frequency
Type
Oscillator
Name
Circuit Constant
Operating
Voltage
Range
[V]
Oscillation
Stabilization Time
Remarks
C1
[pF]
C2
[pF]
Rf
[
Ω]
Rd
[
Ω]
typ
[s]
max
[s]
32.768kHz
SMD
MC-306
9
9
Open
330k
1.8 to 5.5
1.4
4.0
Applicable CL value =
7.0pF
SEIKO INSTRUMENTS
Nominal
Frequency
Type
Oscillator
Name
Circuit Constant
Operating
Voltage
Range
[V]
Oscillation
Stabilization Time
Remarks
C1
[pF]
C2
[pF]
Rf
[
Ω]
Rd
[
Ω]
typ
[s]
max
[s]
32.768kHz
SMD
SSP-T7-F
18
22
Open
330k
1.8 to 5.5
0.75
2.0
Applicable CL value =
12.5pF
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized after VDD
goes above the operating voltage lower limit (see Figure 3).
• The time interval that is required for the oscillation to get stabilized after the instruction for starting the subclock
oscillation circuit is executed.
• The time interval that is required for the oscillation to get stabilized after the Hold mode, under the state which
the subclock oscillation is enabled, is reset and oscillation is started.
(Notes on the implementation of the oscillator circuit)
• Oscillation is influenced by the circuit pattern layout of printed circuit board. Place the oscillation-related
components as close to the CPU chip and to each other as possible with the shortest possible pattern length.
• Keep the signal lines whose state changes suddenly or in which large current flows as far away from the oscillator
circuit as possible and make sure that they do not cross one another.
• Be sure to insert a current limiting resistor (Rd) so that the oscillation amplitude never exceeds the input voltage
level that is specified as the absolute maximum rating.
• The oscillator circuit constants shown above are sample characteristic values that are measured using the Our
designated oscillation evaluation board. Since the accuracy of the oscillation frequency and other characteristics vary
according to the board on which the IC is installed, it is recommended that the user consult the resonator vendor for
oscillation evaluation of the IC on a user's production board when using the IC for applications that require high
oscillation accuracy. For further information, contact your resonator vendor or Our company sales representative
serving your locality.
• It must be noted, when replacing the flash ROM version of a microcontroller with a mask ROM version, that their
operating voltage ranges may differ even when the oscillation constant of the external oscillator is the same.
Figure 1 CF and XT Oscillator Circuit
Figure 2 AC Timing Measurement Point
0.5VDD
Rf
Rd
CF1/XT1
CF2/XT2
C2
CF/X’tal
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com