Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 29 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 29 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor LC87FBG08A Datasheet HTML 25Page - ON Semiconductor LC87FBG08A Datasheet HTML 26Page - ON Semiconductor LC87FBG08A Datasheet HTML 27Page - ON Semiconductor LC87FBG08A Datasheet HTML 28Page - ON Semiconductor LC87FBG08A Datasheet HTML 29Page - ON Semiconductor LC87FBG08A Datasheet HTML 30Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LC87FBG08A
No.A2046-29/30
Figure 7 Waveform observed when only POR is used (LVD not used)
(RESET pin: Pull-up resistor RRES only)
• The POR function generates a reset only when power is turned on starting at the VSS level.
• No stable reset will be generated if power is turned on again when the power level does not go down to the VSS level
as shown in (a). If such a case is anticipated, use the LVD function together with the POR function or implement an
external reset circuit.
• A reset is generated only when the power level goes down to the VSS level as shown in (b) and power is turned on
again after this condition continues for 100
μs or longer.
Figure 8 Waveform observed when both POR and LVD functions are used
(RESET pin: Pull-up resistor RRES only)
• Resets are generated both when power is turned on and when the power level lowers.
• A hysteresis width (LVHYS) is provided to prevent the repetitions of reset release and entry cycles near the detection
level.
POR release voltage
(PORRL)
VDD
RES
Unknown-state
(POUKS)
(a)
(b)
Reset period
Reset period
100
μs or longer
VDD
RES
LVD hysteresis width
(LVHYS)
Unknown-state
(LVUKS)
Reset period
Reset period
Reset period
LVD release voltage
(LVDET+LVHYS)
LVD reset voltage
(LVDET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com