Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 4 Page - ON Semiconductor

  LC87FBG08A Datasheet HTML 1Page - ON Semiconductor LC87FBG08A Datasheet HTML 2Page - ON Semiconductor LC87FBG08A Datasheet HTML 3Page - ON Semiconductor LC87FBG08A Datasheet HTML 4Page - ON Semiconductor LC87FBG08A Datasheet HTML 5Page - ON Semiconductor LC87FBG08A Datasheet HTML 6Page - ON Semiconductor LC87FBG08A Datasheet HTML 7Page - ON Semiconductor LC87FBG08A Datasheet HTML 8Page - ON Semiconductor LC87FBG08A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LC87FBG08A
No.A2046-4/30
Interrupts
• 19 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/base timer
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1 receive
8
0003BH
H or L
SIO1/UART1 transmit
9
00043H
H or L
ADC/T6/T7/ PWM4, PWM5
10
0004BH
H or L
Port 0
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
Subroutine Stack Levels: 128levels (The stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• Internal oscillation circuits
Low-speed RC oscillation circuit (SRC):
For system clock / For Watchdog timer (100kHz)
Medium-speed RC oscillation circuit (RC):
For system clock (1MHz)
Frequency variable RC oscillation circuit (MRC): For system clock (8MHz
± 1.5%, Ta=-10°C to +85°C)
• External oscillation circuits
Hi-speed CF oscillation circuit (CF):
For system clock, with internal Rf
Low speed crystal oscillation circuit (X’tal): For low-speed system clock / For Watchdog timer, with internal Rf
1) The CF and crystal oscillation circuits share the same pins. The active circuit is selected under program control.
2) Both the CF and crystal oscillator circuits stop operation on a system reset. After reset is released, oscillation
is stopped so start the oscillation operation by program.
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 300ns, 600ns, 1.2μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, and
76.8
μs (at a main clock rate of 10MHz).
Internal Reset Function
• Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected from 8 levels (1.67V, 1.97V, 2.07V, 2.37V, 2.57V, 2.87V, 3.86V, and
4.35V) through option configuration.
• Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
2) The use or disuse of the LVD function and the low voltage threshold level (7 levels: 1.91V, 2.01V, 2.31V, 2.51V,
2.81V, 3.79V, 4.28V) can be selected by optional configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com