Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 7Page - ON Semiconductor LC87FBG08A Datasheet HTML 8Page - ON Semiconductor LC87FBG08A Datasheet HTML 9Page - ON Semiconductor LC87FBG08A Datasheet HTML 10Page - ON Semiconductor LC87FBG08A Datasheet HTML 11Page - ON Semiconductor LC87FBG08A Datasheet HTML 12Page - ON Semiconductor LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LC87FBG08A
No.A2046-11/30
Continued from preceding page.
Pin Name
I/O
Description
Option
RES
I/O
External reset input / internal reset output
No
CF1/XT1
I
• Ceramic resonator or 32.768kHz crystal oscillator input pin
• Pin function
General-purpose input port
No
CF2/XT2
I/O
• Ceramic resonator or 32.768kHz crystal oscillator output pin
• Pin function
General-purpose I/O port
No
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option selected in
units of
Option type
Output type
Pull-up resistor
P00 to P07
1 bit
1
CMOS
Programmable (Note 1)
2
Nch-open drain
No
P10 to P17
1 bit
1
CMOS
Programmable
2
Nch-open drain
Programmable
P20 to P21
1 bit
1
CMOS
Programmable
2
Nch-open drain
Programmable
P70
-
No
Nch-open drain
Programmable
CF2/XT2
-
No
Ceramic resonator/32.768kHz crystal resonator
output Nch-open drain
(N-channel open drain when set to general-purpose
output port)
No
Note 1: The control of the presence or absence of the programmable pull-up resistors for port 0 and the switching
between low-and high-impedance pull-up connection is exercised in nibble (4-bit) units (P00 to 03 or
P04 to 07).
User Option Table
Option Name
Option to be Applied on
Mask version
*1
Flash-ROM
Version
Option Selected in
Units of
Option Selection
Port output type
P00 to P07
1 bit
CMOS
Nch-open drain
P10 to P17
1 bit
CMOS
Nch-open drain
P20 to P21
1 bit
CMOS
Nch-open drain
Program start
address
-
×
*2
-
00000h
01E00h
Low-voltage
detection reset
function
Detect function
-
Enable:Use
Disable:Not Used
Detect level
-
7-level
Power-on reset
function
Power-On reset level
-
8-level
*
1: Mask option selection - No change possible after mask is completed.
*
2: Program start address of the mask version is 00000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com