Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 6Page - ON Semiconductor LC87FBG08A Datasheet HTML 7Page - ON Semiconductor LC87FBG08A Datasheet HTML 8Page - ON Semiconductor LC87FBG08A Datasheet HTML 9Page - ON Semiconductor LC87FBG08A Datasheet HTML 10Page - ON Semiconductor LC87FBG08A Datasheet HTML 11Page - ON Semiconductor LC87FBG08A Datasheet HTML 12Page - ON Semiconductor LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LC87FBG08A
No.A2046-10/30
Pin Function Chart
Pin Name
I/O
Description
Option
VSS1
-
- Power supply pin
No
VDD1
-
+ Power supply pin
No
Port 0
I/O
• 8-bit I/O port
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• HOLD reset input
• Port 0 interrupt input
• Pin functions
P05: System clock output
P06: Timer 6 toggle output
P07: Timer 7 toggle output
P00(AN0) to P06(AN6): AD converter input
P05(DBGP00) to P07(DBGP02): On-chip debugger 0 port
Yes
P00 to P07
Port 1
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10: SIO0 data output
P11: SIO0 data input/bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output
P14: SIO1 data input / bus I/O
P15: SIO1 clock I/O / INT3 input (with noise filter) / timer 0 event input / timer 0H capture input
P16: Timer 1PWML output / INT2 input/HOLD reset input/timer 0 event input / timer 0L capture
input
P17: Timer 1PWMH output / beeper output / INT1 input / HOLD reset input / timer 0H capture
input
P15(DBGP10) to P13(DBGP12): On-chip-debugger 1 port
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
disable
enable
enable
enable
disable
disable
enable
disable
disable
Yes
P10 to P17
Port 2
I/O
• 2-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20: UART transmit / PWM4 output
P21: UART receive / PWM5 output
P20 to P21: INT4 input / HOLD reset input / timer 1 event input / timer 0L capture input / timer
0H capture input
Interrupt acknowledge types
Yes
P20 to P21
Rising
Falling
Rising &
Falling
H level
L level
INT4
enable
enable
enable
disable
disable
Port 7
I/O
• 1-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input / HOLD reset input / timer 0L capture input
P70(AN8): AD converter input
Interrupt acknowledge types
No
P70
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com