Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 15 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 11Page - ON Semiconductor LC87FBG08A Datasheet HTML 12Page - ON Semiconductor LC87FBG08A Datasheet HTML 13Page - ON Semiconductor LC87FBG08A Datasheet HTML 14Page - ON Semiconductor LC87FBG08A Datasheet HTML 15Page - ON Semiconductor LC87FBG08A Datasheet HTML 16Page - ON Semiconductor LC87FBG08A Datasheet HTML 17Page - ON Semiconductor LC87FBG08A Datasheet HTML 18Page - ON Semiconductor LC87FBG08A Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LC87FBG08A
No.A2046-15/30
Continued from preceding page.
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Oscillation
frequency
range
(Note 2-3)
FmCF(1)
CF1, CF2
12MHz ceramic oscillation.
See Fig. 1.
2.7 to 5.5
12
MHz
FmCF(2)
CF1, CF2
10MHz ceramic oscillation.
See Fig. 1.
2.2 to 5.5
10
FmCF(3)
CF1, CF2
4MHz ceramic oscillation.
CF oscillation normal amplifier size selected.
(CFLAMP=0) See Fig. 1.
1.8 to 5.5
4
4MHz ceramic oscillation.
CF oscillation low amplifier size
selected. (CFLAMP=1)
See Fig. 1.
2.2 to 5.5
4
FmMRC(1)
Frequency variable RC oscillation.
(Note 2-4)
1.8 to 5.5
7.84
8.0
8.16
FmMRC(2)
Frequency variable RC oscillation.
• Ta=-10 to +85°C
(Note 2-4)
1.8 to 5.5
7.88
8.0
8.12
FmRC
Internal medium-speed RC oscillation
1.8 to 5.5
0.5
1.0
2.0
FmSRC
Internal low-speed RC oscillation
1.8 to 5.5
50
100
200
kHz
FsX’tal
XT1, XT2
32.768kHz crystal oscillation
See Fig. 1.
1.8 to 5.5
32.768
Oscillation
stabilization
time
tmsMRC
When Frequency variable RC
oscillation state is switched from
stopped to enabled.
See Fig. 3.
1.8 to 5.5
100
μs
Note 2-3: See Tables 1 and 2 for the oscillation constants.
Note 2-4: When switching the system clock, allow an oscillation stabilization time of 100
μs or longer after the
frequency variable RC oscillator circuit transmits from the "oscillation stopped" to "oscillation enabled" state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com