Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 24 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 24 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor LC87FBG08A Datasheet HTML 25Page - ON Semiconductor LC87FBG08A Datasheet HTML 26Page - ON Semiconductor LC87FBG08A Datasheet HTML 27Page - ON Semiconductor LC87FBG08A Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LC87FBG08A
No.A2046-24/30
F-ROM Programming Characteristics
at Ta = +10
°C to +55°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Onboard
programming
current
IDDFW(1)
VDD1
• Only current of the Flash block.
2.2 to 5.5
5
10
mA
Programming
time
tFW(1)
• Erasing time
2.2 to 5.5
20
30
ms
tFW(2)
• Programming time
40
60
μs
UART (Full Duplex) Operating Conditions
at Ta = -40
°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Transfer rate
UBR
P20, P21
1.8 to 5.5
16/3
8192/3
tCYC
Data length: 7/8/9 bits (LSB first)
Stop bits:
1 bit (2-bit in continuous data transmission)
Parity bits:
None
Example of Continuous 8-bit Data Transmission Mode Processing (First Transmit Data=55H)
Example of Continuous 8-bit Data Reception Mode Processing (First Receive Data=55H)
Transmit data (LSB first)
Start of
transmission
End of
transmission
UBR
Start bit
Stop bit
UBR
Receive data (LSB first)
Start of
reception
End of
reception
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com