Electronic Components Datasheet Search
  English  ▼

X  

LC87FBG08A Datasheet(PDF) 23 Page - ON Semiconductor

Part # LC87FBG08A
Description  8-bit 1-chip Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87FBG08A Datasheet(HTML) 23 Page - ON Semiconductor

Back Button LC87FBG08A Datasheet HTML 19Page - ON Semiconductor LC87FBG08A Datasheet HTML 20Page - ON Semiconductor LC87FBG08A Datasheet HTML 21Page - ON Semiconductor LC87FBG08A Datasheet HTML 22Page - ON Semiconductor LC87FBG08A Datasheet HTML 23Page - ON Semiconductor LC87FBG08A Datasheet HTML 24Page - ON Semiconductor LC87FBG08A Datasheet HTML 25Page - ON Semiconductor LC87FBG08A Datasheet HTML 26Page - ON Semiconductor LC87FBG08A Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LC87FBG08A
No.A2046-23/30
Continued from preceding page.
Parameter
Symbol
Pin/
remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
HALT mode
consumption
current
(Note 10-1)
(Note 10-2)
IDDHALT(7)
VDD1
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• Internal low speed and medium speed RC
oscillation stopped.
• System clock set to 8MHz with
frequency variable RC oscillation
• 1/1 frequency division ratio
1.8 to 5.5
1.3
2.3
mA
1.8 to 3.6
0.91
1.5
IDDHALT(8)
• HALT mode
• External FsX’tal and FmCF oscillation stopped.
• System clock set to internal low speed RC
oscillation.
• Internal medium speed RC oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
1.8 to 5.5
18
68
μA
1.8 to 3.6
11
35
IDDHALT(9)
• HALT mode
• External FsX’tal and FmCF oscillation stopped.
• System clock set to internal low speed RC
oscillation.
• Internal medium speed RC oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/1 frequency division ratio
• Ta=-10 to +50°C
5.0
18
46
3.3
11
27
2.5
7.4
19
IDDHALT(10)
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
1.8 to 5.5
24
98
1.8 to 3.6
8.0
35
IDDHALT(11)
• HALT mode
• FsX’tal=32.768kHz crystal oscillation mode
• System clock set to 32.768kHz side
• Internal low speed and medium speed RC
oscillation stopped.
• Frequency variable RC oscillation stopped.
• 1/2 frequency division ratio
• Ta=-10 to +50°C
5.0
24
63
3.3
8.0
23
2.5
3.5
11
HOLD mode
consumption
current
(Note 10-1)
(Note 10-2)
IDDHOLD(1)
HOLD mode
• CF1=VDD or open (External clock mode)
1.8 to 5.5
0.019
23
1.8 to 3.6
0.011
11
IDDHOLD(2)
HOLD mode
• CF1=VDD or open (External clock mode)
• Ta=-10 to +50°C
5.0
0.019
1.2
3.3
0.011
0.59
2.5
0.010
0.30
IDDHOLD(3)
HOLD mode
• CF1=VDD or open (External clock mode)
• LVD option selected
1.8 to 5.5
2.6
26
1.8 to 3.6
2.0
13
IDDHOLD(4)
HOLD mode
• CF1=VDD or open (External clock mode)
• Ta=-10 to +50°C
• LVD option selected
5.0
2.6
3.8
3.3
2.0
2.8
2.5
1.7
2.5
Timer HOLD
mode
consumption
current
(Note 10-1)
(Note 10-2)
IDDHOLD(5)
Timer HOLD mode
• FsX’tal=32.768kHz crystal oscillation mode
1.8 to 5.5
22
84
1.8 to 3.6
6.5
30
IDDHOLD(6)
Timer HOLD mode
• FsX’tal=32.768kHz crystal oscillation mode
• Ta=-10 to +50°C
5.0
22
53
3.3
6.5
16
2.5
2.7
7.2
Note10-1: Values of the consumption current do not include current that flows into the output transistors and internal
pull-up resistors.
Note10-2: The consumption current values do not include operational current of LVD function if not specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com